Electronic Components Datasheet Search
  English  ▼

X  

TRW-24C Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # TRW-24C
Description  Wireless Low Cost 2.4GHz Hi Power 19dBm RF Transceiver Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TRW-24C Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button TRW-24C Datasheet HTML 3Page - List of Unclassifed Manufacturers TRW-24C Datasheet HTML 4Page - List of Unclassifed Manufacturers TRW-24C Datasheet HTML 5Page - List of Unclassifed Manufacturers TRW-24C Datasheet HTML 6Page - List of Unclassifed Manufacturers TRW-24C Datasheet HTML 7Page - List of Unclassifed Manufacturers TRW-24C Datasheet HTML 8Page - List of Unclassifed Manufacturers TRW-24C Datasheet HTML 9Page - List of Unclassifed Manufacturers TRW-24C Datasheet HTML 10Page - List of Unclassifed Manufacturers TRW-24C Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
http://www.wenshing.com.tw ; http://www.rf.net.tw
TRW-24C Datasheet P.7
Temporary saving utensil explanation
This watch as base frequently for 2410MHz, 250K channel alternation, choos es 0 channels
work 2.4/10K/ 250K some reference under working speed.
Address
2.4K
10K
250K
Description
component
FSK
FSK
MSK
0x0D
0x5C
0x5C
0x5C
Set up TRW- 24C base frequently.
The base frequently is for 2410M.
0x0E
0xB1
0xB1
0xB1
0x0F
0x3B
0x3B
0x3B
0x13
0x43
0x43
0x43
13H [6:4] is precede code
0x14
0x3B
0x3B
0x3B
13H [1:0] 14H for channel alternation
base frequently
0x0A
0x00
0x00
0x00
Sets up for appointed channels
0x0B
0x08
0x06
0x09
0BH [3:0]
IF frequency’s enactment
0x0C
0x00
0x00
0x00
Fixation
0x10
0x86
0x78
0x2D
10H [7:4] Receives bandwidth
enactment
0x11
0x83
0x93
0x3B
Set up modular working speed
0x12
0x03
0x03
0x73
12H[7:4] Choice modulation way
0x15
0x44
0x44
0x01
Modulation percentage hypothesis
0x22
0x10
0x10
0x10
The corresponding speed fixed is as
follows
0x21
0x56
0x56
0xB6
0x18
0x08
0x08
0x08
0x19
0x16
0x16
0x1D
0x1A
0x6C
0x6C
0x1C
0x1B
0x03
0x43
0xC7
0x1C
0x40
0x40
0x00
0x1D
0x91
0x91
0xB2
0x23
0xA9
0xA9
0xEA
0x24
0x0A
0x0A
0x0A
0x25
0x00
0x00
0x00
0x26
0x11
0x11
0x11
0x29
0x59
0x59
0x59
0x2C
0x81
0x81
0x88
0x2D
0x35
0x35
0x31
0x2E
0x0B
0x0B
0x0B
0x08
0x05
0x05
0x05
Envelop wrap control
0x02
0x06
0x06
0x06
Fixation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com