Electronic Components Datasheet Search
  English  ▼

X  

ELM89 Datasheet(PDF) 2 Page - ELM Electronics

Part # ELM89
Description  CMOS 300mA LDO Voltage regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM89 Datasheet(HTML) 2 Page - ELM Electronics

  ELM89 Datasheet HTML 1Page - ELM Electronics ELM89 Datasheet HTML 2Page - ELM Electronics ELM89 Datasheet HTML 3Page - ELM Electronics ELM89 Datasheet HTML 4Page - ELM Electronics ELM89 Datasheet HTML 5Page - ELM Electronics ELM89 Datasheet HTML 6Page - ELM Electronics ELM89 Datasheet HTML 7Page - ELM Electronics ELM89 Datasheet HTML 8Page - ELM Electronics ELM89 Datasheet HTML 9Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
Rev.1.0
20 -
■Pin configuration
ELM89xxxBC CMOS 300mA LDO Voltage regulator
Pin No. Pin name
1
VIN
2
VOUT
3
VSS
ELM89xx1BC
ELM89xx2BC
Pin No. Pin name
1
VIN
2
VSS
3
CE
4
NC
5
VOUT
ELM89xx3BC
Pin No. Pin name
1
VIN
2
VSS
3
CE
4
NC
5
VOUT
SOT-23(TOP VIEW)
SOT-25(TOP VIEW)
SOT-25(TOP VIEW)
ELM89xx1BC
ELM89xx2BC: CE, ELM89xx3BC: CE
■Standard circuit
* Ci=1μF, Co=1μF or greater
* Ci=1μF, Co=1μF or greater
Protect
Circuit
Vref
VOUT
VSS
VIN
Control
Circuit
CE/CE
ELM89xx1BC
■Block diagram
ELM89xx2BC: CE, ELM89xx3BC: CE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com