Electronic Components Datasheet Search
  English  ▼

X  

SVM1045VB Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # SVM1045VB
Description  LOW VF SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SVM1045VB Datasheet(HTML) 2 Page - Pan Jit International Inc.

  SVM1045VB Datasheet HTML 1Page - Pan Jit International Inc. SVM1045VB Datasheet HTML 2Page - Pan Jit International Inc. SVM1045VB Datasheet HTML 3Page - Pan Jit International Inc. SVM1045VB Datasheet HTML 4Page - Pan Jit International Inc. SVM1045VB Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PAGE . 2
November 16,2012-REV.0
0
SVM1045VB
ELECTRICAL CHARACTERISTICS(TA=25oC unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Breakdown voltage
VBR
I R=0.5mA
TA=25oC
45
-
-
V
Instantaneous forward voltage
VF
I F=3A
I F=5A
I F=10A
TA=25oC
-
-
-
0.34
0.38
0.44
-
-
0.47
V
I F=3A
I F=5A
I F=10A
TA=125oC
-
-
-
0.27
0.32
0.41
-
-
-
V
Reverse current
I R
VR=36V
TA=25oC
-
32
-
A
VR=45V
TA=25oC
TA=125oC
-
-
-
8.6
0.25
-
mA
mA
RATING A ND CHARACTERISTIC CURVES
0
2
4
6
8
10
12
0
25
50
75
100
125
150
TC, Case Temperature (°C)
0.001
0.01
0.1
1
10
100
20
40
60
80
100
TJ = 25°C
TJ = 75°C
TJ = 125°C
TJ = 150°C
Fig.3 Typical Reverse Characteristics
Fig.4 Typical Forward Characteristics
Fig.1 Forward Current Derating Curve
Fig.2 Typical Junction Capacitance
1
10
100
1000
10000
1
10
100
VR, Reverse Bias Voltage (V)
0.1
1
10
0
0.2
0.4
0.6
VF, Forward Voltage (V)
TJ = 150°C
TJ = 125°C
TJ = 25°C
TJ = 75°C
Percent of Rated Peak Reverse Voltage (%)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com