Electronic Components Datasheet Search
  English  ▼

X  

ELM98 Datasheet(PDF) 2 Page - ELM Electronics

Part # ELM98
Description  CMOS Voltage regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM98 Datasheet(HTML) 2 Page - ELM Electronics

  ELM98 Datasheet HTML 1Page - ELM Electronics ELM98 Datasheet HTML 2Page - ELM Electronics ELM98 Datasheet HTML 3Page - ELM Electronics ELM98 Datasheet HTML 4Page - ELM Electronics ELM98 Datasheet HTML 5Page - ELM Electronics ELM98 Datasheet HTML 6Page - ELM Electronics ELM98 Datasheet HTML 7Page - ELM Electronics ELM98 Datasheet HTML 8Page - ELM Electronics ELM98 Datasheet HTML 9Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Rev.1.0
12 -
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Output voltage
Vout
Vin=3.8V, Iout=1mA
1.764 1.800 1.836
V
Output current
Iout
Vin=2.4V
20
mA
Input stability
ΔVout/ΔVin Iout=20mA, 2.8V≤Vin≤18.0V
0.050 0.275
%/V
Load stability
ΔVout/ΔIout 1mA≤Iout≤50mA, Vin=3.8V
5
20
mV
Input/output
voltage differential
Vdif
Iout=10mA
200
380
mV
Current consumption
Iss
Vin=3.8V, No-load
0.4
3.0
7.0
μA
Input voltage
Vin
2.2
18.0
V
Ripple rejection ratio
RR
Vin=3.8V, Iout=10mA, f=100Hz
65
dB
Short circuit current
Ishort
Vin=3.8V, Vout=0V
30
mA
Thermal shutdown
temperature
Tsd
160
°C
Output voltage
temperature coefficient
ΔVout/ΔTop Top=-40°C to +85°C
Vin=3.8V, Iout=1mA
±100
ppm/°C
Top=25°C
■Electrical characteristics
Pin No.
Pin name
1
VSS
2
VIN
3
VOUT
SOT-89(TOP VIEW)
Pin No.
Pin name
1
VSS
2
VOUT
3
VIN
SOT-23(TOP VIEW)
■Pin configuration
■Standard circuit
■Block diagram
Vout=1.8V(ELM98018xC)
ELM98xxxxC CMOS Voltage regulator
1
3
2
1
2
3
* Regarding Ci and Co, ceramic capacitors with
1.0μF or greater are recommended for stability
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com