Electronic Components Datasheet Search
  English  ▼

X  

ELM604PA Datasheet(PDF) 2 Page - ELM Electronics

Part # ELM604PA
Description  1.4MHz, 800mA dual PWM step-down converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM604PA Datasheet(HTML) 2 Page - ELM Electronics

  ELM604PA Datasheet HTML 1Page - ELM Electronics ELM604PA Datasheet HTML 2Page - ELM Electronics ELM604PA Datasheet HTML 3Page - ELM Electronics ELM604PA Datasheet HTML 4Page - ELM Electronics ELM604PA Datasheet HTML 5Page - ELM Electronics ELM604PA Datasheet HTML 6Page - ELM Electronics ELM604PA Datasheet HTML 7Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Rev.1.2
■Standard circuit
VIN1
4
3
2
FB1
SW1
EN1
GND1
R1
1MΩ
Vin1/Vin2
2.5V to6V
Cin1=
22µF
L1=
4.7µH
ELM604PA
FB2
SW2
GND2
ON/OFF
C2
C1
R5
VIN2
EN2
1
10
8
9
7
6
5
L2=
4.7µH
R6
ON/OFF
Vout1
1.8V
Vout2
1.2V
R3
300kΩ
R2
499kΩ
R4
300kΩ
Cout2
10µF
Cout1
10µF
Cin2=
22µF
* Passive components not specified values in the above figure are optional.
TDFN10-3x3(TOP VIEW)
■Pin configuration
Pin No.
Pin name
Pin description
1
EN1
Channel 1 enable control input
2
FB1
Channel 1 voltage feedback
3
VIN2
Channel 2 supply input
4
GND2
Channel 2 ground pin
5
SW2
Channel 2 power switch output
6
EN2
Channel 2 enable control input
7
FB2
Channel 2 voltage feedback
8
VIN1
Channel 1 supply input
9
GND1
Channel 1 ground pin
10
SW1
Channel 1 power switch output
7 -
2
3
4
5
6
1
7
8
9
10
9
8
7
6
5
10
4
3
2
1
TDFN10-3x3(BOTTOM VIEW)
ELM604PA 1.4MHz, 800mA dual PWM step-down converter
2
3
4
5
6
1
7
8
9
10
9
8
7
6
5
10
4
3
2
1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com