Electronic Components Datasheet Search
  English  ▼

X  

ELM610DA Datasheet(PDF) 2 Page - ELM Electronics

Part # ELM610DA
Description  1.3A 36V PWM step down DC/DC converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM610DA Datasheet(HTML) 2 Page - ELM Electronics

  ELM610DA Datasheet HTML 1Page - ELM Electronics ELM610DA Datasheet HTML 2Page - ELM Electronics ELM610DA Datasheet HTML 3Page - ELM Electronics ELM610DA Datasheet HTML 4Page - ELM Electronics ELM610DA Datasheet HTML 5Page - ELM Electronics ELM610DA Datasheet HTML 6Page - ELM Electronics ELM610DA Datasheet HTML 7Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Rev.1.1
7 -
SOP-8(TOP VIEW)
4
3
2
1
5
6
7
8
■Pin configuration
Pin No.
Pin name
Pin description
1
FB
Feedback(0.82V operation)
2
EN
Enable / Disable
H: Normal operation mode.(Step-down operation)
L: Shutdown mode.(All circuits deactivated)
3
VC
Add an external capacitor to VIN.
The voltage is set to Vin -7V
4
VIN
IC power supply
5, 6
SW
Switch. Connect external inductor/diode to here.
Minimize trace area at this pin to reduce EMI.
7, 8
GND
GND
■Standard circuit
* Taping direction is one way.
ELM610DA-N
Symbol
a
Package
D: SOP-8
b
Product version
A
c
Taping direction
N: Refer to PKG file
ELM610DA - N
↑ ↑ ↑
a b c
■Selection guide
Vout=Vfb(1+R1/R2)
ELM610DA 1.3A 36V PWM step down DC/DC converter
ELM610DA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com