Electronic Components Datasheet Search
  English  ▼

X  

AT1528 Datasheet(PDF) 2 Page - Global Mixed-mode Technology Inc

Part # AT1528
Description  1MHz, All-Ceramic, 2A PWM Buck DC/DC Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

AT1528 Datasheet(HTML) 2 Page - Global Mixed-mode Technology Inc

  AT1528 Datasheet HTML 1Page - Global Mixed-mode Technology Inc AT1528 Datasheet HTML 2Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ver: 1.1
Dec 05, 2012
TEL: 886-3-5788833
http://www.gmt.com.tw
1
AT1529
Global Mixed-mode Technology
1MHz, All-Ceramic, 3.2A PWM Buck DC/DC Converter
Features
Ceramic Input and Output Capacitors
Efficiency Up to 94%
Operate from 2.5V to 6V supply
Adjustable Output from 0.8V to VIN
Internal Soft-Start
Short-Circuit and Thermal-Overload Protection
Input Over Voltage Protection
RoHS Compliant
Applications
ASIC/DSP/µP/FPGA Core and I/O Voltages
Set-Top Boxes
Cellular Base Stations
Networking and Telecommunications
General Description
The AT1529 high-efficiency, DC/DC buck converter
delivers up to 3.2A of output current. The device oper-
ates from an input voltage of 2.5V to 6V and provides
an output voltage from 0.8V to VIN, making the AT1529
ideal for on-board post-regulation applications.
The AT1529 operate at a fixed frequency of 1MHz with
an efficiency of up to 94%. The high operating fre-
quency minimizes the size of external components.
Internal soft-start control circuitry reduces inrush cur-
rent. Short-circuit and thermal-overload protections
improve design reliability.
The AT1529 are available in a space-saving SOP-8
and TDFN3X3-8 package.
Ordering Information
ORDER
NUMBER
MARKING
TEMP.
RANGE
PACKAGE
(Green)
AT1529F11U
A1529
-40°C to +85°C
SOP-8 (FD)
AT1529RD1U
A1529
-40°C to +85°C
TDFN3X3-8
Note: F1:SOP-8 (FD) RD: TDFN3X3-8
1: Bonding Code
U: Tape & Reel
Pin Configuration
Typical Application Circuit
V
OUT
3.3V
Note: Recommend connecting the Thermal Pad to the Ground for excellent power dissipation.
VIN
LX
EN
REF
GND
AT1529
FB
GND
8
6
5
1
2
3
4
VCC
REF
VIN
SOP-8 (FD)
AT1529
7
LX
EN
PGND
VCC
OFF
ON
PGND
VIN
5V
FB
V
OUT = 0.8V × (1+
)
R1
R2
2.2µH
10µF
10
Ω
0.1µF
0.1µF
22µF
C
FB
R1
50k
R2
16k
* (option)
Thermal
Pad
TDFN3X3-8
AT1529
1
2
3
4
8
7
6
5
VCC
GND
Thermal
Pad
REF
FB
VIN
LX
EN
PGND
8
1
5
7
4
2
63
V
OUT
3.3V
Note: Recommend connecting the Thermal Pad to the Ground for excellent power dissipation.
VIN
LX
EN
REF
GND
AT1529
FB
GND
8
6
5
1
2
3
4
VCC
REF
VIN
SOP-8 (FD)
AT1529
7
LX
EN
PGND
VCC
OFF
ON
PGND
VIN
5V
FB
V
OUT = 0.8V × (1+
)
R1
R2
2.2µH
10µF
10
Ω
0.1µF
0.1µF
22µF
C
FB
R1
50k
R2
16k
* (option)
22µF
C
FB
R1
50k
R2
16k
* (option)
Thermal
Pad
TDFN3X3-8
AT1529
1
2
3
4
8
7
6
5
VCC
GND
Thermal
Pad
REF
FB
VIN
LX
EN
PGND
8
1
5
7
4
2
63



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com