Electronic Components Datasheet Search
  English  ▼

X  

AT1530 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # AT1530
Description  1MHz, All-Ceramic, 3.2A PWM Buck DC/DC Converter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

AT1530 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  AT1530 Datasheet HTML 1Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ver: 1.1
Dec 05, 2012
TEL: 886-3-5788833
http://www.gmt.com.tw
1
AT1530
Global Mixed-mode Technology
1MHz, All-Ceramic, 3.2A PWM Buck DC/DC Converter
Features
Ceramic Input and Output Capacitors
Efficiency Up to 94%
Operate from 2.5V to 6V supply
Adjustable Output from 0.8V to VIN
Internal Soft-Start
Short-Circuit and Thermal-Overload Protection
Input Over Voltage Protection
RoHS Compliant
Applications
ASIC/DSP/µP/FPGA Core and I/O Voltages
Set-Top Boxes
Cellular Base Stations
Networking and Telecommunications
General Description
The AT1530 high-efficiency, DC/DC buck converter
delivers up to 3.2A of output current. The device oper-
ates from an input voltage of 2.5V to 6V and provides
an output voltage from 0.8V to VIN, making the AT1530
ideal for on-board post-regulation applications.
The AT1530 operate at a fixed frequency of 1MHz with
an efficiency of up to 94%. The high operating fre-
quency minimizes the size of external components.
Internal soft-start control circuitry reduces inrush cur-
rent. Output under-voltage lockout, short-circuit and
over-temperature protections improve design reliabil-
ity.
The AT1530 are available in a space-saving SOP-8
and TDFN3X3-8 package.
Ordering Information
ORDER
NUMBER
MARKING
TEMP.
RANGE
PACKAGE
(Green)
AT1530F11U
A1530
-40°C to +85°C
SOP-8 (FD)
AT1530RD1U
A1530
-40°C to +85°C
TDFN3X3-8
Note: F1: SOP-8 (FD)
RD: TDFN3X3-8
1: Bonding Code
U: Tape & Reel
Pin Configuration
Typical Application Circuit
V
OUT
3.3V
VIN
LX
EN
REF
GND
AT1530
FB
GND
8
6
5
1
2
3
4
VCC
REF
VIN
SOP-8 (FD)
AT1530
7
LX
EN
PGND
VCC
OFF
ON
PGND
VIN
5V
FB
V
OUT = 0.8V × (1+
)
R1
R2
2.2µH
10µF
10
Ω
0.1µF
0.1µF
22µF
C
FB
R1
50k
R2
16k
* (option)
Thermal
Pad
Note: Recommend connecting the Thermal Pad to the Ground for excellent power dissipation.
TDFN3X3-8
AT1530
1
2
3
4
8
7
6
5
VCC
GND
Thermal
Pad
REF
FB
VIN
LX
EN
PGND
8
1
5
6
3
2
4
7
V
OUT
3.3V
VIN
LX
EN
REF
GND
AT1530
FB
GND
8
6
5
1
2
3
4
VCC
REF
VIN
SOP-8 (FD)
AT1530
7
LX
EN
PGND
VCC
OFF
ON
PGND
VIN
5V
FB
V
OUT = 0.8V × (1+
)
R1
R2
2.2µH
10µF
10
Ω
0.1µF
0.1µF
22µF
C
FB
R1
50k
R2
16k
* (option)
22µF
C
FB
R1
50k
R2
16k
* (option)
Thermal
Pad
Note: Recommend connecting the Thermal Pad to the Ground for excellent power dissipation.
TDFN3X3-8
AT1530
1
2
3
4
8
7
6
5
VCC
GND
Thermal
Pad
REF
FB
VIN
LX
EN
PGND
8
1
5
6
3
2
4
7


Similar Part No. - AT1530

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT15-0001 MACOM-AT15-0001 Datasheet
109Kb / 2P
Digital Attenuator, 31 dB, 5-Bit, TTL Driver DC - 2.0 GHz
logo
Amphenol Sine Systems C...
AT15-12PA-BM01 ASS-AT15-12PA-BM01 Datasheet
532Kb / 3P
BOARDLOCK PCB MOUNT RECEPTACLE, 12 PIN, STRAIGHT, AT SERIES
19JUN18
AT15-12PA-BM02 ASS-AT15-12PA-BM02 Datasheet
532Kb / 3P
BOARDLOCK PCB MOUNT RECEPTACLE, 12 PIN, STRAIGHT, AT SERIES
19JUN18
AT15-12PA-BM03 ASS-AT15-12PA-BM03 Datasheet
532Kb / 3P
BOARDLOCK PCB MOUNT RECEPTACLE, 12 PIN, STRAIGHT, AT SERIES
19JUN18
AT15-12PA-BM04 ASS-AT15-12PA-BM04 Datasheet
532Kb / 3P
BOARDLOCK PCB MOUNT RECEPTACLE, 12 PIN, STRAIGHT, AT SERIES
19JUN18
More results

Similar Description - AT1530

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1154 ANALOGICTECH-AAT1154 Datasheet
482Kb / 18P
1MHz 3A Buck DC/DC Converter
AAT1157 ANALOGICTECH-AAT1157 Datasheet
394Kb / 14P
1MHz 1.2A Buck DC/DC Converter
logo
ACE Technology Co., LTD...
ACE722A ACE-ACE722A Datasheet
179Kb / 9P
2A PWM BUCK DC-DC Converter
VER 1.2
logo
Anpec Electronics Corop...
APW7323 ANPEC-APW7323 Datasheet
372Kb / 22P
3.2A, 5V, 1MHz Synchronous Buck Converter
logo
SiGe Semiconductor, Inc...
AATIAN28 SIGE-AATIAN28 Datasheet
130Kb / 6P
1MHz 2.5A Buck DC/DC Converter
logo
Global Mixed-mode Techn...
G5692 GMT-G5692 Datasheet
90Kb / 1P
1MHz, All-Ceramic, 2A PWM Buck DC/DC Converter
AT1526 GMT-AT1526 Datasheet
176Kb / 2P
1MHz, All-Ceramic, 2A PWM Buck DC/DC Converter
AT1528 GMT-AT1528 Datasheet
178Kb / 2P
1MHz, All-Ceramic, 2A PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1501A DIODES-AP1501A_17 Datasheet
367Kb / 13P
5A PWM BUCK DC/DC CONVERTER
Rev 11
logo
Bookly Micro electronic
BM1509HV BOOKLY-BM1509HV Datasheet
656Kb / 6P
PWM BUCK DC/DC CONVERTER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com