Electronic Components Datasheet Search
  English  ▼

X  

ELM900 Datasheet(PDF) 2 Page - ELM Electronics

Part # ELM900
Description  CMOS White LED flashlight driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM900 Datasheet(HTML) 2 Page - ELM Electronics

  ELM900 Datasheet HTML 1Page - ELM Electronics ELM900 Datasheet HTML 2Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Parameter
Symbol
Condition
Min.
Typ. Max.
Unit
Power voltage
Vdd
1.0
5.0
V
Current consumption
Iss
Vdd=3.0V
7.0
14.0
μA
Output current of LX pin
Ilx
Vdd=3.0V
90.0
mA
Leakage current of LX pin
Ilxl
Vdd=LX=6.0V
1.0
μA
Oscillation frequency : 35kHz
Fosc Vdd=3.0V
22
35
55
kHz
Oscillation frequency : 55kHz
35
55
75
Duty ratio : switching 35kHz
Duty Vdd=3.0V
45
55
65
%
Duty ratio : switching 55kHz
45
55
75
■Appliaction circuit
����
�
�
�
�����
�����
���
�����
���
�������
1cell 1LED
����
�
�
�
�����
���
���
�������
�����
���
2cell 2LED
Top=25°C
■Electrical characteristics
■Marking
ELM900x CMOS White LED flashlight driver
2 -
Products
Lot No.
ELM900B
0 to 9
ELM900D
A to Z (I, O, X expected)
a, b : Product IC code
90
c : the assembly lot No.1
� �
� �
SOT-89
Products
Lot No.
ELM900B
A to Z (I, O, X expected)
ELM900D
0 to 9
d : the assembly lot No.2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com