Electronic Components Datasheet Search
  English  ▼

X  

AT1691 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # AT1691
Description  1.5MHz, 1A High Efficiency Buck Converter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

AT1691 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  AT1691 Datasheet HTML 1Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ver: 0.2
Jun 21, 2012
TEL: 886-3-5788833
http://www.gmt.com.tw
1
AT1691
Global Mixed-mode Technology
1.5MHz, 1A High Efficiency Buck Converter
Features
Input voltage: 2.5V ~5.5V
High efficiency (95%)
No Schottky Diode Required
1A Output Current at 5V Input 3.3V Output
1.5MHz Switching Frequency
Built-in ON/OFF Function
Low Dropout Operation: 100% Duty Cycle
Thermal Protection
Tiny 6-Lead TDFN2X2 Package
RoHS Compliant
Applications
Mobile Phones
Wireless and DSL modems
Power Supply for Portable Devices
General Description
The AT1691 provides complete control for a DC/DC
converter optimized for high-performance microproc-
essor applications. It is operated on current mode ar-
chitecture for excellent line and load transient re-
sponse. 1.5MHz operation frequency is allowing the
use of small surface mount inductor and capacitor.
The internal synchronous switch increases efficiency
and eliminates the need for an external Schottky diode.
The AT1691 is a family of low-noise synchronous
step-down DC/DC converters that is ideally suited for
systems powered from a 1-cell Li-ion battery or from a
3-cell to 4-cell NiCd, NiMH, or alkaline battery. It can
also be used to USB-Based power system.
Ordering Information
ORDER
NUMBER
MARKING
OUTPUT
VOLTAGE (V)
TEMP.
RANGE
PACKAGE
(Green)
AT1691RB1U
A161
Adjustable
-40°C~ +85°C
TDFN2X2-6
Note: RB: TDFN2X2-6
1: Bonding Code
U: Tape & Reel
Pin Configuration
Typical Application Circuit
TDFN2X2-6
AT1691
EN
NC
GND
FB
VIN
LX
FB
GND
AT1691
C
IN
4.7µF
V
IN
5V
2.2µH
C
OUT
10µF
V
OUT
3.3V/1A
V
OUT = 0.6V × (1+
)
R1
R2
1
2
3
6
5
4
Thermal
Pad
VIN
LX
EN
(optional)
C
FB
R1
R2
*
*R2= 150K for stability consideration.
Note: Recommend connecting the Thermal Pad to
the Ground for excellent power dissipation.
5
3
26
4
TDFN2X2-6
AT1691
EN
NC
GND
FB
VIN
LX
FB
GND
AT1691
C
IN
4.7µF
V
IN
5V
2.2µH
C
OUT
10µF
V
OUT
3.3V/1A
V
OUT = 0.6V × (1+
)
R1
R2
1
2
3
6
5
4
Thermal
Pad
VIN
LX
EN
(optional)
C
FB
R1
R2
*
*R2= 150K for stability consideration.
Note: Recommend connecting the Thermal Pad to
the Ground for excellent power dissipation.
5
3
26
4


Similar Part No. - AT1691

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
AT16-18SA-EK02 AMPHENOL-AT16-18SA-EK02 Datasheet
396Kb / 3P
18 POSITION PLUG, SOCKET,AT SERIES
B1
AT16-18SA-EK03 AMPHENOL-AT16-18SA-EK03 Datasheet
396Kb / 3P
18 POSITION PLUG, SOCKET,AT SERIES
B1
AT16-18SA-EKSR02 AMPHENOL-AT16-18SA-EKSR02 Datasheet
396Kb / 3P
18 POSITION PLUG, SOCKET,AT SERIES
B1
AT16-18SA-EKSR03 AMPHENOL-AT16-18SA-EKSR03 Datasheet
396Kb / 3P
18 POSITION PLUG, SOCKET,AT SERIES
B1
AT16-18SA-K004 AMPHENOL-AT16-18SA-K004 Datasheet
396Kb / 3P
18 POSITION PLUG, SOCKET,AT SERIES
B1
More results

Similar Description - AT1691

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS3410 TSC-TS3410 Datasheet
322Kb / 7P
1A / 1.5MHz Synchronous Buck Converter
logo
Richtek Technology Corp...
RT8060 RICHTEK-RT8060 Datasheet
269Kb / 10P
1.5MHz, 1A High Efficiency Step-Down Converter
RT8060A RICHTEK-RT8060A Datasheet
235Kb / 10P
1.5MHz, 1A High Efficiency Step-Down Converter
logo
List of Unclassifed Man...
ZSPM4011 ETC2-ZSPM4011 Datasheet
1Mb / 22P
High Efficiency 1A Synchronous Buck Converter
ZSPM4011B ETC2-ZSPM4011B Datasheet
1Mb / 23P
High Efficiency 1A Synchronous Buck Converter
logo
SHANGHAI BELLING CO., L...
BL8024 BELLING-BL8024 Datasheet
593Kb / 6P
1A 1.5MHz 6V Synchronous Buck Converter
BL8025 BELLING-BL8025 Datasheet
595Kb / 6P
1A 1.5MHz 6V Synchronous Buck Converter
logo
ACE Technology Co., LTD...
ACE721G ACE-ACE721G Datasheet
551Kb / 11P
5V 1A, 1.5MHz Synchronous Buck Converter
VER 1.1
logo
Global Mixed-mode Techn...
G5691 GMT-G5691 Datasheet
79Kb / 1P
1.5MHz, 1A High Efficiency Buck Converter
logo
Integrated Device Techn...
ZSPM4011B IDT-ZSPM4011B Datasheet
655Kb / 21P
High Efficiency 1A Synchronous Buck Converter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com