Electronic Components Datasheet Search
  English  ▼

X  

ELMPD01A Datasheet(PDF) 1 Page - ELM Electronics

Part # ELMPD01A
Description  Large area silicon photo diode and module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELMPD01A Datasheet(HTML) 1 Page - ELM Electronics

  ELMPD01A Datasheet HTML 1Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Large area silicon photo diode and module
■General description
ELMPDxx series is a photo sensor detecting 450nm to 1050nm wave length. It is a module containing large
area silicon photo diodes assembled on a PCB. This products are designed based on customer requirement with
any PCB size, selected single or multiple photo diodes and any necessary chip size. Wave length sensitivity is
enhanced by 1/4 anti reflection layer on a silicon chip. Center wave length is also selected.
■Sample data
1. Product name : ELMPD01A
2. Chip size
: 20mmx6.5mm chips common cathode
3. Spectral sensitivity characteristics
4. Dimension
25
30
2.54
3×φ0.9 hole
3×φ2.0 land
2.54
ELMPD01A
00
Lot No. Display
Photodiode
(6.5×20.0mm)×2
Printed-circuit
board
t=1.0mm
Unit : mm
Protective resin
15
A1 K A2
φ0.9 hole, φ2.0 land
φ0.9 hole, φ2.0 land
http://www.elm-tech.com
Unit mm
Rev1.0
1.00
0.90
0.80
0.70
0.60
0.50
0.40
0.30
0.20
0.10
0.00
300
400
500
600
700
800
900
1000
1100
1200
Wavelength (nm)


Similar Part No. - ELMPD01A

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELMPD01A ELM-TECH-ELMPD01A Datasheet
774Kb / 1P
Large area silicon photo diode and module
More results

Similar Description - ELMPD01A

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LAPD-1-06-17-LCC ROITHNER-LAPD-1-06-17-LCC Datasheet
472Kb / 3P
InGaAs Large Area Photo-Detector
LAPD-1-06-17-TO46 ROITHNER-LAPD-1-06-17-TO46 Datasheet
453Kb / 3P
InGaAs Large Area Photo-Detector
LAPD-1-09-17-LCC ROITHNER-LAPD-1-09-17-LCC Datasheet
472Kb / 3P
InGaAs Large Area Photo-Detector
LAPD-1-09-17-TO46 ROITHNER-LAPD-1-09-17-TO46 Datasheet
453Kb / 3P
InGaAs Large Area Photo-Detector
LAPD-2-06-17-LCC ROITHNER-LAPD-2-06-17-LCC Datasheet
481Kb / 3P
InGaAs Large Area Photo-Detector
LAPD-2-06-17-TO39 ROITHNER-LAPD-2-06-17-TO39 Datasheet
459Kb / 3P
InGaAs Large Area Photo-Detector
LAPD-2-09-17-LCC ROITHNER-LAPD-2-09-17-LCC Datasheet
481Kb / 3P
InGaAs Large Area Photo-Detector
LAPD-3-09-17-LCC ROITHNER-LAPD-3-09-17-LCC Datasheet
388Kb / 3P
InGaAs Large Area Photo-Detector
LAPD-3-09-17-TO39 ROITHNER-LAPD-3-09-17-TO39 Datasheet
392Kb / 3P
InGaAs Large Area Photo-Detector
logo
ELM Technology Corporat...
ELMPD01A ELM-TECH-ELMPD01A Datasheet
774Kb / 1P
Large area silicon photo diode and module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com