Electronic Components Datasheet Search
  English  ▼

X  

AT9915 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # AT9915
Description  1.5A Low Dropout Regulator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

AT9915 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  AT9915 Datasheet HTML 1Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ver: 0.2
Sep 12, 2012
TEL: 886-3-5788833
http://www.gmt.com.tw
1
AT9915
Global Mixed-mode Technology
1.5A Low Dropout Regulator
Features
1.2V,1.8V, 2.5V and 3.3V Options
Over Current and Over Temperature Protection
400mV Dropout @1.5A
MLCC Capacitance Stable
TO-252 and TO-263T Package
Applications
Battery Powered Systems
Motherboards
Peripheral Cards
Set Top Boxes
Notebook Computers
General Description
The AT9915 is a high performance positive voltage
regulator designed for use in applications requiring
very low dropout voltage at up to 1.5 Amps. The
AT9915 provides excellent regulation over variations
in line, load and temperature. AT9915 is stable with
minimum 4.7µF MLCC (X5R) output capacitor.
The AT9915 is available with 1.2V, 1.8V, 2.5V and
3.3V internally preset outputs.
Ordering Information
ORDER
NUMBER
MARKING
VOLTAGE
TEMP.
RANGE
PACKAGE
(Green)
AT9915-12T45U
A9915-12
1.2V
-40°C ~ +85°C
TO-252
AT9915-18T45U
A9915-18
1.8V
-40°C ~ +85°C
TO-252
AT9915-25T45U
A9915-25
2.5V
-40°C ~ +85°C
TO-252
AT9915-33T45U
A9915-33
3.3V
-40°C ~ +85°C
TO-252
AT9915-12T65U
A9915A
1.2V
-40°C ~ +85°C
SOT-223
AT9915-18T65U
A9915B
1.8V
-40°C ~ +85°C
SOT-223
AT9915-25T65U
A9915C
2.5V
-40°C ~ +85°C
SOT-223
AT9915-33T65U
A9915D
3.3V
-40°C ~ +85°C
SOT-223
Note: T4: TO-252
T6: SOT-223
5: Bonding Code
U : Tape & Reel
Pin Configuration
Typical Application Circuit
VIN
VO
C1
4.7µF
C2
10µF
VIN
VO
GND
AT9915
TO-252
Top View
1
2
3
VIN
GND
VO
AT9915
SOT-223
Top View
1
2
3
VIN
GND
VO
AT9915
VIN
VO
C1
4.7µF
C2
10µF
VIN
VO
GND
AT9915
TO-252
Top View
1
2
3
VIN
GND
VO
AT9915
SOT-223
Top View
1
2
3
VIN
GND
VO
AT9915


Similar Part No. - AT9915

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
AT9910 GMT-AT9910 Datasheet
63Kb / 1P
1A Low Dropout Regulator
AT9911 GMT-AT9911 Datasheet
64Kb / 1P
1A Low Dropout Regulator
logo
Supertex, Inc
AT9917 SUTEX-AT9917 Datasheet
734Kb / 12P
Automotive LED Driver IC with High Current Accuracy
AT9917TS-G SUTEX-AT9917TS-G Datasheet
734Kb / 12P
Automotive LED Driver IC with High Current Accuracy
AT9919 SUTEX-AT9919 Datasheet
726Kb / 7P
Hysteretic, Buck, High Brightness LED Driver with High-Side Current Sensing
More results

Similar Description - AT9915

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1086 ADMOS-AMS1086 Datasheet
60Kb / 7P
1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2815 SIPEX-SPX2815 Datasheet
73Kb / 10P
1.5A Low Dropout Voltage Regulator
logo
List of Unclassifed Man...
CM1086 ETC-CM1086 Datasheet
214Kb / 7P
1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
Rohm
BAXXJC5T ROHM-BAXXJC5T Datasheet
367Kb / 6P
1.5A Low-Dropout Voltage Regulator
logo
Global Mixed-mode Techn...
G953 GMT-G953 Datasheet
29Kb / 1P
1.5A Low Dropout Regulator
logo
BCD Semiconductor Manuf...
AZ1086 BCDSEMI-AZ1086_07 Datasheet
200Kb / 16P
1.5A LOW DROPOUT LINEAR REGULATOR
logo
GTM CORPORATION
GE2148 GTM-GE2148 Datasheet
418Kb / 5P
1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
BCD Semiconductor Manuf...
AZ1086D-ADJE1 BCDSEMI-AZ1086D-ADJE1_10 Datasheet
836Kb / 17P
1.5A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G9915 GMT-G9915 Datasheet
94Kb / 1P
1.5A Low Dropout Regulator
logo
Unisonic Technologies
LR2915 UTC-LR2915 Datasheet
168Kb / 4P
1.5A, LOW DROPOUT REGULATOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com