Electronic Components Datasheet Search
  English  ▼

X  

G9141 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G9141
Description  600mA Low-Dropout Linear Regulators
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G9141 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G9141 Datasheet HTML 1Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ver: 0.95
Jul 05, 2012
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G9141
Global Mixed-mode Technology
600mA Low-Dropout Linear Regulators
Features
Low, 90µA No-Load Supply Current
600mA Output Current Limit Minimum
Dropout Voltage is 800mV @ 600mA Load
Over-Temperature Protection and Short-Circuit
Protection
Adjustable Mode: from 1.0V to 5.5V
Max. Supply Current in Shutdown Mode < 1µA
Low Output Noise at 220µVRMS
Stable with low cost ceramic capacitors
Applications
Notebook Computers
Cellular Phones
PDAs
Digital still Camera and Video Recorders
Hand-Held Devices
Bar Code Scanners
General Description
The G9141 is a low supply current, low dropout linear
regulator that comes in a space saving SOT-23-5 and
SOP-8 package. The supply current at no-load is 90µA.
In the shutdown mode, the maximum supply current is
less than 1µA. Operating voltage range of the G9141
is from 2.5V to 5.5V. The over-current protection limit
is set at 800mA typical. An over-temperature rotecttion
circuit is built-in in the G9141 to prevent thermal over-
load. These power saving features make the G9141
ideal for use in the battery-powered applications such
as notebook computers, cellular phones, and PDA’s.
Ordering Information
ORDER
NUMBER
MARKING
TEMP.
RANGE
PACKAGE
(Green)
G9141T11U
9141x
-40°C~ +85°C
SOT-23-5
G9141P11U
G9141
-40°C~ +85°C
SOP-8
Note: T1: SOT-23-5
P1: SOP-8
1: Bonding Code
U: Tape & Reel
Pin Configuration
Typical Application Circuit
OUT
SET
SOT-23-5
5
4
1
IN
2
3
GND
SHDN
G9141
+
-
BATTERY
R1
R2
C
OUT
4.7µF
OUTPUT
VOLTAGE
IN
OUT
GND
SET
SHDN
G9141
C
IN
1µF
OUT
8
6
5
1
2
3
4
SHDN
IN
SET
SOP-8
G9141
7
GND
GND
GND
GND
OUT
SET
SOT-23-5
5
4
1
IN
2
3
GND
SHDN
G9141
+
-
BATTERY
R1
R2
C
OUT
4.7µF
OUTPUT
VOLTAGE
IN
OUT
GND
SET
SHDN
G9141
C
IN
1µF
OUT
8
6
5
1
2
3
4
SHDN
IN
SET
SOP-8
G9141
7
GND
GND
GND
GND


Similar Part No. - G9141

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G914 GMT-G914 Datasheet
98Kb / 6P
150mA Low-Dropout Linear Regulators
G914A GMT-G914A Datasheet
275Kb / 10P
300mA Low-Noise LDO Regulators
G914A GMT-G914A Datasheet
289Kb / 11P
300mA High PSRR, Low-Noise LDO Regulators
G914AF GMT-G914AF Datasheet
289Kb / 11P
300mA High PSRR, Low-Noise LDO Regulators
G914B GMT-G914B Datasheet
275Kb / 10P
300mA Low-Noise LDO Regulators
More results

Similar Description - G9141

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1202 SIPEX-SPX1202 Datasheet
205Kb / 11P
600mA Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AP2317 BCDSEMI-AP2317 Datasheet
156Kb / 13P
600mA LOW DROPOUT LINEAR REGULATOR
AZ1117B BCDSEMI-AZ1117B Datasheet
175Kb / 15P
600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Power Electron...
APE8805 A-POWER-APE8805 Datasheet
241Kb / 9P
600mA LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2315 BCDSEMI-AP2315 Datasheet
119Kb / 12P
600mA LOW DROPOUT LINEAR REGULATOR
AP2317 BCDSEMI-AP2317_07 Datasheet
161Kb / 14P
600mA LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G983-XXX GMT-G983-XXX Datasheet
92Kb / 1P
Low-Dropout, 600mA Linear Regulator
logo
Richtek Technology Corp...
RT9080 RICHTEK-RT9080 Datasheet
302Kb / 14P
600mA Low-Dropout Linear Regulator
logo
First Components Intern...
LM8805 FCI-LM8805 Datasheet
439Kb / 7P
600mA CMOS Low-Dropout Linear Regulators
logo
uPI Group Inc.
UP8807 UPI-UP8807 Datasheet
236Kb / 10P
600mA Low Dropout Linear Regulator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com