Electronic Components Datasheet Search
  English  ▼

X  

SXM345AV Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # SXM345AV
Description  ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SXM345AV Datasheet(HTML) 1 Page - Pan Jit International Inc.

  SXM345AV Datasheet HTML 1Page - Pan Jit International Inc. SXM345AV Datasheet HTML 2Page - Pan Jit International Inc. SXM345AV Datasheet HTML 3Page - Pan Jit International Inc. SXM345AV Datasheet HTML 4Page - Pan Jit International Inc. SXM345AV Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PSXM345AV
June 24,2015-REV.00
Page 1
0.181(4.60)
0.157(4.00)
0.060(1.52)
0.030(0.76)
0.008(0.203)
0.002(0.051)
0.208(5.28)
0.188(4.80)
0 012(0 305)
..
0 006(0.152)
.
ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
Voltage
45 V
Current
3 A
Features
 Ideal for automated placement
 Ultra low forward voltage drop, low power loss
 High efficiency operation
 Low thermal resistance
 Ultra thin profile package for space constrained utilization
 Easy pick and place package suitable for automated handling
 Lead free in compliance with EU RoHS 2011/65/EU directive
 Green molding compound as per IEC61249 Std. . (Halogen Free)
Mechanical Data
 Case: SMA Molded Plastic
 Terminals: Solder plated, solderable per MIL-STD-750,Method 2026
 Polarity: Color band denotes cathode end
 Standard packaging: 12mm tape (EIA-481)
 Weight: 0.0024 ounces, 0.068 grams
 Marking: Part number
Note : 1. Mounted on a FR4 PCB, single-sided copper, with 10cm*10cm copper pad area.
2. Mounted on a FR4 PCB, single-sided copper, mini pad.
Maximum Ratings And Electrical Characteristics (TA=25
o
C unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Maximum repetitive peak reverse voltage
VRRM
45
V
Maximum rms voltage
VRMS
32
V
Maximum dc blocking voltage
VR
45
V
Maximum average forward rectified current
IF(AV)
3
A
Peak forward surge current : 8.3ms single half sine-
wave superimposed on rated load
IFSM
80
A
Typical thermal resistance
(Note 1)
(Note 2)
RθJC
RθJA
22
150
oC/W
Operating junction temperature range
TJ
-55 to +150
oC
Storage temperature range
TSTG
-55 to +150
oC


Similar Part No. - SXM345AV

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SXM34AVF PANJIT-SXM34AVF Datasheet
220Kb / 5P
ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
SXM34AVF-AU PANJIT-SXM34AVF-AU Datasheet
331Kb / 5P
ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
SXM34AVF-AU PANJIT-SXM34AVF-AU_16 Datasheet
385Kb / 6P
ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
SXM34AVF-AU_R2_000A1 PANJIT-SXM34AVF-AU_R2_000A1 Datasheet
385Kb / 6P
ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
SXM34AVF PANJIT-SXM34AVF_16 Datasheet
378Kb / 6P
ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SXM345AV

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SB1245 FAIRCHILD-SB1245 Datasheet
145Kb / 4P
Ultra Low VF Schottky Barrier Rectifier
logo
Pan Jit International I...
SVT8100V PANJIT-SVT8100V Datasheet
228Kb / 5P
ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
SVT8100VB PANJIT-SVT8100VB Datasheet
229Kb / 5P
ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
SV1580VB PANJIT-SV1580VB Datasheet
251Kb / 5P
ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
SBT30120LFCT PANJIT-SBT30120LFCT Datasheet
154Kb / 4P
ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
SR34LF PANJIT-SR34LF_16 Datasheet
363Kb / 6P
ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
SXM34AVF-AU PANJIT-SXM34AVF-AU_16 Datasheet
385Kb / 6P
ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
SXM36VF PANJIT-SXM36VF_16 Datasheet
366Kb / 6P
ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
SXM36VF-AU PANJIT-SXM36VF-AU_16 Datasheet
367Kb / 6P
ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
MB420L PANJIT-MB420L Datasheet
266Kb / 5P
ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com