Electronic Components Datasheet Search
  English  ▼

X  

G9293 Datasheet(PDF) 2 Page - Global Mixed-mode Technology Inc

Part # G9293
Description  Dual, 300mA Low-Dropout Linear Regulators
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G9293 Datasheet(HTML) 2 Page - Global Mixed-mode Technology Inc

  G9293 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G9293 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G9293 Datasheet HTML 3Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Ver: 0.7
Sep 28, 2011
TEL: 886-3-5788833
http://www.gmt.com.tw
2
G9293
Global Mixed-mode Technology
Ordering Information
ORDER
NUMBER
MARKING
VOUT1
VOUT2
TEMP.
RANGE
PACKAGE
(Green)
G9293NNTP1U
9CNNx
2.8V
2.8V
-40°C~+85°C
TSOT-23-6
G9293ERA31U
ER
3x
1.2V
3.3V
-40°C~+85°C
ADFN1.5X1.5-6
G9293FRA31U
FR
3x
1.5V
3.3V
-40°C~+85°C
ADFN1.5X1.5-6
G9293HHA31U
HH
3x
1.8V
1.8V
-40°C~+85°C
ADFN1.5X1.5-6
G9293HRA31U
HR
3x
1.8V
3.3V
-40°C~+85°C
ADFN1.5X1.5-6
G9293LOA31U
LO
3x
2.5V
2.85V
-40°C~+85°C
ADFN1.5X1.5-6
G9293WOA31U
WO
3x
2.6V
2.85V
-40°C~+85°C
ADFN1.5X1.5-6
G9293OHA31U
OH
3x
2.85V
1.8V
-40°C~+85°C
ADFN1.5X1.5-6
G9293RRA3IU
RR
3x
3.3V
3.3V
-40°C~+85°C
ADFN1.5X1.5-6
G9293ENRR1U
9CA
xx
1.2V
2.8V
-40°C~+85°C
TDFN1.6X1.6-6
G9293ERRR1U
9CA
Ixx
1.2V
3.3V
-40°C~+85°C
TDFN1.6X1.6-6
G9293ZNRR1U
9CA
Axx
1.3V
2.8V
-40°C~+85°C
TDFN1.6X1.6-6
G9293FFRR1U
9CB
xx
1.5V
1.5V
-40°C~+85°C
TDFN1.6X1.6-6
G9293FLRR1U
9CA
Hxx
1.5V
2.5V
-40°C~+85°C
TDFN1.6X1.6-6
G9293FNRR1U
9CC
xx
1.5V
2.8V
-40°C~+85°C
TDFN1.6X1.6-6
G9293HHRR1U
9CA
Mxx
1.8V
1.8V
-40°C~+85°C
TDFN1.6X1.6-6
G9293HWRR1U
9CD
xx
1.8V
2.6V
-40°C~+85°C
TDFN1.6X1.6-6
G9293HRRR1U
9CE
xx
1.8V
3.3V
-40°C~+85°C
TDFN1.6X1.6-6
G9293IFRR1U
9CZ
xx
1.85V
1.5V
-40°C~+85°C
TDFN1.6X1.6-6
G9293IIRR1U
9CA
Dxx
1.85V
1.85V
-40°C~+85°C
TDFN1.6X1.6-6
G9293MKRR1U
9CA
Lxx
2.1V
2.0V
-40°C~+85°C
TDFN1.6X1.6-6
G9293MLRR1U
9CA
Jxx
2.1V
2.5V
-40°C~+85°C
TDFN1.6X1.6-6
G9293LHRR1U
9CX
xx
2.5V
1.8V
-40°C~+85°C
TDFN1.6X1.6-6
G9293LNRR1U
9CV
xx
2.5V
2.8V
-40°C~+85°C
TDFN1.6X1.6-6
G9293LORR1U
9CU
xx
2.5V
2.85V
-40°C~+85°C
TDFN1.6X1.6-6
G9293LQRR1U
9CL
xx
2.5V
3V
-40°C~+85°C
TDFN1.6X1.6-6
G9293LRRR1U
9CM
xx
2.5V
3.3V
-40°C~+85°C
TDFN1.6X1.6-6



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com