Electronic Components Datasheet Search
  English  ▼

X  

NOIP1SN025KA Datasheet(PDF) 2 Page - ON Semiconductor

Part # NOIP1SN025KA
Description  Global Shutter CMOS Image Sensors
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NOIP1SN025KA Datasheet(HTML) 2 Page - ON Semiconductor

  NOIP1SN025KA Datasheet HTML 1Page - ON Semiconductor NOIP1SN025KA Datasheet HTML 2Page - ON Semiconductor NOIP1SN025KA Datasheet HTML 3Page - ON Semiconductor NOIP1SN025KA Datasheet HTML 4Page - ON Semiconductor NOIP1SN025KA Datasheet HTML 5Page - ON Semiconductor NOIP1SN025KA Datasheet HTML 6Page - ON Semiconductor NOIP1SN025KA Datasheet HTML 7Page - ON Semiconductor NOIP1SN025KA Datasheet HTML 8Page - ON Semiconductor NOIP1SN025KA Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 87 page
background image
NOIP1SN025KA, NOIP1SN016KA, NOIP1SN012KA, NOIP1SN010KA
www.onsemi.com
2
ORDERING INFORMATION
Part Number
Family
Description
Package
Product Status
NOIP1SN025KA-GDI
PYTHON 25K
25 MegaPixel, LVDS mono micro lens
355−pin
mPGA
Production
NOIP1SE025KA-GDI
25 MegaPixel, LVDS color micro lens
NOIP1FN025KA-GDI
25 MegaPixel, LVDS mono micro lens, NIR
NOIP1SN016KA-GDI
PYTHON 16K
16 MegaPixel, LVDS mono micro lens
NOIP1SE016KA-GDI
16 MegaPixel, LVDS color micro lens
NOIP1FN016KA-GDI
16 MegaPixel, LVDS mono micro lens, NIR
NOIP1SN012KA-GDI
PYTHON 12K
12 MegaPixel, LVDS mono micro lens
NOIP1SE012KA-GDI
12 MegaPixel, LVDS color micro lens
NOIP1FN012KA-GDI
12 MegaPixel, LVDS mono micro lens, NIR
NOIP1SN010KA-GDI
PYTHON 10K
10 MegaPixel, LVDS mono micro lens
NOIP1SE010KA-GDI
10 MegaPixel, LVDS color micro lens
NOIP1FN010KA-GDI
10 MegaPixel, LVDS mono micro lens, NIR
The P1−SN/SE/FN base part is used to reference the mono, color and NIR enhanced versions of the LVDS interface. More
details on the part number coding can be found at http://www.onsemi.com/pub_link/Collateral/TND310−D.PDF
Package Mark
Side 1 near Pin 1: NOIP1xx0RRKA−GDI where xx denotes mono micro lens (SN) or color micro lens (SE) or NIR mono
micro lens (FN), RR is the resolution of the sensor in MP (25, 16, 12 or 10)
Side 2: AWLYYWW, where AWL is Production lot traceability, and YYWW is the 4−digit date code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com