Electronic Components Datasheet Search
  English  ▼

X  

SDP510D Datasheet(PDF) 1 Page - AUK corp

Part # SDP510D
Description  Pin Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SDP510D Datasheet(HTML) 1 Page - AUK corp

  SDP510D Datasheet HTML 1Page - AUK corp SDP510D Datasheet HTML 2Page - AUK corp SDP510D Datasheet HTML 3Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KSD-C004-002
1
SDP510D
Pin Diode
Features
•••• SMD package : SOD-323
• Low capacitance : CT=0.25pF(Typ.)
• Low series resistance : rs=1.5Ω(Typ.)
• VHF tuner band RF attenuator application
• AGC for FM tuner
Ordering Information
Type No.
Marking
Package Code
SDP510D
B3
SOD-323
Outline Dimensions
unit : mm
S
Se
em
miic
co
on
nd
du
uc
ctto
or
r
PIN Connections
1. Anode
2. Cathode
2.5
±0.1
1.7
±0.1
CATHODE MARK
0.2 Min.
2
1
1
2


Similar Part No. - SDP510D

ManufacturerPart #DatasheetDescription
logo
AUK corp
SDP510D AUK-SDP510D Datasheet
49Kb / 3P
Pin Diode
logo
KODENSHI_AUK CORP.
SDP510D KODENSHI-SDP510D Datasheet
51Kb / 3P
Pin Diode
logo
AUK corp
SDP510D AUK-SDP510D_1 Datasheet
49Kb / 3P
Pin Diode
More results

Similar Description - SDP510D

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UM2300 MICROSEMI-UM2300 Datasheet
185Kb / 5P
PIN DIODE
UM6000 MICROSEMI-UM6000 Datasheet
221Kb / 4P
PIN DIODE
logo
AUK corp
SDP510WMU AUK-SDP510WMU Datasheet
44Kb / 3P
Pin Diode
SDP510WMUF AUK-SDP510WMUF Datasheet
45Kb / 3P
Pin Diode
logo
Rohm
RN142S ROHM-RN142S Datasheet
43Kb / 3P
PIN diode
logo
Torex Semiconductor
1106_XB15A402 TOREX-1106_XB15A402 Datasheet
103Kb / 2P
PIN DIODE
logo
Rohm
RN141S ROHM-RN141S Datasheet
325Kb / 3P
PIN diode
RN242CS ROHM-RN242CS Datasheet
454Kb / 3P
PIN diode
logo
AUK corp
SDP510WMU AUK-SDP510WMU_1 Datasheet
47Kb / 3P
Pin Diode
logo
Rohm
RN141STE61 ROHM-RN141STE61 Datasheet
400Kb / 3P
PIN diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com