Electronic Components Datasheet Search
  English  ▼

X  

WS-DIAL Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # WS-DIAL
Description  Wireless Two-Way Voice Transmission
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WS-DIAL Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button WS-DIAL Datasheet HTML 3Page - List of Unclassifed Manufacturers WS-DIAL Datasheet HTML 4Page - List of Unclassifed Manufacturers WS-DIAL Datasheet HTML 5Page - List of Unclassifed Manufacturers WS-DIAL Datasheet HTML 6Page - List of Unclassifed Manufacturers WS-DIAL Datasheet HTML 7Page - List of Unclassifed Manufacturers WS-DIAL Datasheet HTML 8Page - List of Unclassifed Manufacturers WS-DIAL Datasheet HTML 9Page - List of Unclassifed Manufacturers WS-DIAL Datasheet HTML 10Page - List of Unclassifed Manufacturers WS-DIAL Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
http://www.wenshing.com.tw ; http://www.rf.net.tw
WS-AIAL Instruction Manual P.11
CE Caution Note (European Union)
Symbol of
it accords with EMC regulation (89/336 / EEC) to represent this device,
and the low-voltage regulation of European Union (73/23/EEC). It represents to follow
the following standard regulations of European Union (The bracket is a reciprocal
international standard reciprocal international standard and regulation).
EN 60950/A11: 1997/(IEC 60950/A4: 1996),The ones that includes information
science and technology of apparatus of e-commerce safe.
EN 55024: 1998 (IEC 1000-4-2, 1000-4-3, 1000-4-4, 1000-4-5, 1000-4-6, 1000-4-8,
1000-4-11) -' scientific and technological apparatus of information - The
characteristic of interfere avoided - Restrain and test method '
Chapter 2 -Static release
(ESD)
Demand
Chapter 3 -Radiate the static field demand
Chapter 4 -The electron is transmitted / produced and washed (EFT) fast
Demand.
Chapter 5 -surge demand
Chapter 6 -Resistance demand caused in field of wireless frequency.
Chapter 8 -Magnetic field demand of electric frequency.
Chapter 11
–Shortly cut off the demand of making a variation with the voltage
transiently under the voltage.
EN 55022:1998/(CISPR 22:1997) ,Class B, '
“To assess information scientific and
technological
apparatus
wireless
restriction
and
way
of
interfering
with
the
characteristic.”
FCC Consistent Declaration ( U.S.A. Only)
Attention: FCC rule regulation, modified and changed must allowed by WENSHING
Electronics company, otherwise that would make you operate this apparatus invalid.
This apparatus adopted test, according to chapter 15 that FCC regulation, accord with
Class B digital restrictions of device. These limits are designed to provide reasonable
pr
otection, avoid to having harmful interference at home’s environment.
This device may have radiated wireless frequency energy. If don’t allow the instruction
manual, then may will interfere wireless communication. However, there is no any way
to guarantee, it will not be interfered in particular installed. If this device really causes
harmful interference, (It could be confirmed by turning on or off this device.)
Advise
you to try to use the following ways modifying the interference situation.
Relocation receiving antenna or altering its direction.
Increase the distance between device and receiver.
Please connect this device to the outlet in the circuit different from the receiver.
The following manuals is published by Federal Communications Commission, they
must be helpful to all users.
How to Identify and Resolve Radio-TV Interference Problems. (This manual can be
obtained by relevant departments of publication of the U.S. government.)
Government Printing Office, Washington D.C., 20402. Stock No. 004-00398-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com