Electronic Components Datasheet Search
  English  ▼

X  

SDM1045CS Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # SDM1045CS
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SDM1045CS Datasheet(HTML) 1 Page - Pan Jit International Inc.

  SDM1045CS Datasheet HTML 1Page - Pan Jit International Inc. SDM1045CS Datasheet HTML 2Page - Pan Jit International Inc. SDM1045CS Datasheet HTML 3Page - Pan Jit International Inc. SDM1045CS Datasheet HTML 4Page - Pan Jit International Inc. SDM1045CS Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
February 05,2014-REV.01
SDM1045CS
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
VOLTAGE
45 Volt
10 Ampere
CURRENT
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
• For surface mounted applications in order to optimize board space
• Low power loss, High efficiency
• High surge capacity
• For use in low voltage high frequency inverters, free wheeling, and
polarity protection applications
• Lead free in compliance with EU RoHS 2011/65/EU directive
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANCAL DATA
• Case: TO-252 molded plastic
• Terminals: Solder plated, solderable per MIL-STD-750,Method 2026
• Polarity: As marking
• Weight: 0.0104 ounces, 0.297 grams.
NOTE : 1.Mounted on 10cm x 10cm x 0.5mm copper pad area
MAXIMUM RATINGS(TA=25oC unless otherwise noted)
ELECTRICAL CHARACTERISTICS (TA=25
o
C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
45
V
Maximum RMS Voltage
VRMS
32
V
Maximum DC Blocking Voltage
VR
45
V
Maximum Average Rectified Output Current
I F(AV)
5A
Peak Forward Surge Current : 8.3ms single half sine-wave
superimposed on rated load
I FSM
80
A
Typical Thermal Resistance
RJC
8
o
C/W
Operating Junction Temperature Range And Storage Temperature Range
TJ,TSTG
-55 to + 150
o
C
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Breakdown voltage
VBR
I R=0.5mA
TA=25oC45
-
-
V
Instantaneous forward voltage
VF
I F=1A
I F=3A
I F=5A
TA=25oC
-
-
-
0.34
0.42
0.49
-
-
0.54
V
I F=1A
I F=3A
TA=125oC
-
-
0.26
0.39
-
-
V
Reverse current
I R
VR=36V
-
25
-
A
VR=45V
TA=25oC
TA=125oC
-
-
-
5
210
-
A
mA


Similar Part No. - SDM1045CS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SDM100K30L DIODES-SDM100K30L Datasheet
181Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30579 Rev. 6 - 2
SDM100K30L DIODES-SDM100K30L Datasheet
116Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30579 Rev. 8 - 2
SDM100K30L-7 DIODES-SDM100K30L-7 Datasheet
116Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30579 Rev. 8 - 2
SDM100K30L-7-F DIODES-SDM100K30L-7-F Datasheet
181Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30579 Rev. 6 - 2
SDM100K30L DIODES-SDM100K30L_08 Datasheet
116Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30579 Rev. 8 - 2
More results

Similar Description - SDM1045CS

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B220A WEITRON-B220A Datasheet
75Kb / 3P
Surface Mount Schottky Barrier Rectifiers
B320A WEITRON-B320A Datasheet
166Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD820T PANJIT-SD820T_05 Datasheet
427Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Galaxy Semi-Conductor H...
SS32 BILIN-SS32 Datasheet
86Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK12 BILIN-SK12 Datasheet
149Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
B320B BILIN-B320B Datasheet
97Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
Surface Mount Schottky Barrier Rectifiers
04-Aug-08
logo
SeCoS Halbleitertechnol...
SCS400D SECOS-SCS400D_15 Datasheet
434Kb / 2P
Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com