Electronic Components Datasheet Search
  English  ▼

X  

SVT10120VB Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # SVT10120VB
Description  ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SVT10120VB Datasheet(HTML) 2 Page - Pan Jit International Inc.

  SVT10120VB Datasheet HTML 1Page - Pan Jit International Inc. SVT10120VB Datasheet HTML 2Page - Pan Jit International Inc. SVT10120VB Datasheet HTML 3Page - Pan Jit International Inc. SVT10120VB Datasheet HTML 4Page - Pan Jit International Inc. SVT10120VB Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PSVT10120VB
May 11,2015-REV.00
Page 2
Electrical Characteristics (TA=25
o
C unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNITS
Breakdown voltage
VBR
IR=0.5mA
TJ=25
oC
120
-
-
V
Instantaneous forward
voltage
VF
IF=1A
IF=5A
IF=10A
TJ=25
oC
-
-
-
0.47
0.69
0.75
-
-
0.8
V
IF=1A
IF=5A
TJ=125
oC
-
-
0.38
0.54
-
-
V
Reverse current
IR
VR=96V
TJ=25
oC
-
3
-
A
VR=120V
TJ=25
oC
TJ=125
oC
-
-
-
5
25
-
A
mA
0
2
4
6
8
10
12
0
25
50
75
100
125
150
T
C, Case Temperature (°C)
0.001
0.01
0.1
1
10
100
10
20
30
40
50
60
70
80
90
100
T
J = 25°C
T
J = 75°C
T
J = 125°C
T
J = 150°C
Fig.3 Typical Reverse Characteristics
Fig.4 Typical Forward Characteristics
Fig.1 Forward Current Derating Curve
Fig.2 Typical Junction Capacitance
1
10
100
1000
1
10
100
V
R, Reverse Bias Voltage (V)
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
V
F, Forward Voltage (V)
T
J = 150°C
T
J = 125°C
T
J = 25°C
T
J = 75°C
Percent of Rated Peak Reverse Voltage (%)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com