Electronic Components Datasheet Search
  English  ▼

X  

SM8222AP Datasheet(PDF) 7 Page - Nippon Precision Circuits Inc

Part # SM8222AP
Description  Caller ID Service IC with Call Waiting
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8222AP Datasheet(HTML) 7 Page - Nippon Precision Circuits Inc

Back Button SM8222AP Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8222AP Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8222AP Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8222AP Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8222AP Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8222AP Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8222AP Datasheet HTML 9Page - Nippon Precision Circuits Inc SM8222AP Datasheet HTML 10Page - Nippon Precision Circuits Inc SM8222AP Datasheet HTML 11Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
SM8222A/B
NIPPON PRECISION CIRCUITS—7
Dual tone detector
s
SM8222A
VDD = 3.0 ± 0.3 V, GND = 0 V, fCLK = 3.579545 MHz, Ta = −20 to 85 °C
s
SM8222B
VDD = 5.0 ± 0.5 V, GND = 0 V, fCLK = 3.579545 MHz, Ta = −20 to 85 °C
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
Low tone frequency
fL
–
2130
–
Hz
High tone frequency
fH
–
2750
–
Hz
Detection frequency deviation
1.1
–
–
%
No-detection frequency deviation
3.5
–
–
%
Detection sensitivity
−37.78
–
–
dBm
No-detection sensitivity
–
–
−43.78
dBm
Signal level difference
–
–
6
dB
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
Low tone frequency
fL
–
2130
–
Hz
High tone frequency
fH
–
2750
–
Hz
Detection frequency deviation
1.1
–
–
%
No-detection frequency deviation
3.5
–
–
%
Detection sensitivity
−37.78
–
–
dBm
No-detection sensitivity
–
–
−43.78
dBm
Signal level difference
–
–
6
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com