Electronic Components Datasheet Search
  English  ▼

X  

SVT15150VB Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # SVT15150VB
Description  ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SVT15150VB Datasheet(HTML) 1 Page - Pan Jit International Inc.

  SVT15150VB Datasheet HTML 1Page - Pan Jit International Inc. SVT15150VB Datasheet HTML 2Page - Pan Jit International Inc. SVT15150VB Datasheet HTML 3Page - Pan Jit International Inc. SVT15150VB Datasheet HTML 4Page - Pan Jit International Inc. SVT15150VB Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PSVT15150VB
May 13,2015-REV.00
Page 1
0.243(6.15)
0.238(6.05)
0.282(7.15)
0.269(6.85)
0.193(4.90)
0.181(4.60)
0.053(1.35)
0.045(1.15)
ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
Voltage
150 V
Current
15 A
Features
 Ideal for automated placement
 Ultra low forward voltage drop, low power loss
 High efficiency operation
 Low thermal resistance
 Ultra thin profile package for space constrained utilization
 Easy pick and place package suitable for automated handling
 Lead free in compliance with EU RoHS 2011/65/EU directive
 Green molding compound as per IEC61249 Std. . (Halogen Free)
Mechanical Data
 Case: TO-277B package
 Terminals: solder plated, solderable per MIL-STD-750,Method 2026
 Weight: 0.0038 ounces, 0.1088 grams.
 Marking: Part number
Note : 1. Mounted on a FR4 PCB, single-sided copper, mini pad.
2. Mounted on a 10cm*10cm*1mm copper pad area
Maximum Ratings And Electrical Characteristics (TA=25
o
C unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Maximum repetitive peak reverse voltage
VRRM
150
V
Maximum rms voltage
VRMS
105
V
Maximum dc blocking voltage
VR
150
V
Maximum average forward rectified current
IF(AV)
15
A
Peak forward surge current : 8.3ms single half sine-
wave superimposed on rated load
IFSM
250
A
Typical thermal resistance
(Note 1)
(Note 2)
RθJA
RθJC
110
3
oC/W
Operating junction temperature range
TJ
-55 to +150
oC
Storage temperature range
TSTG
-55 to +150
oC


Similar Part No. - SVT15150VB

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SVT15150VB PANJIT-SVT15150VB_16 Datasheet
476Kb / 6P
ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
June 15,2016-REV.01
SVT15150VB_R2_00001 PANJIT-SVT15150VB_R2_00001 Datasheet
476Kb / 6P
ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
June 15,2016-REV.01
More results

Similar Description - SVT15150VB

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SB1245 FAIRCHILD-SB1245 Datasheet
145Kb / 4P
Ultra Low VF Schottky Barrier Rectifier
logo
Pan Jit International I...
SVT8100V PANJIT-SVT8100V Datasheet
228Kb / 5P
ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
SVT8100VB PANJIT-SVT8100VB Datasheet
229Kb / 5P
ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
SV1580VB PANJIT-SV1580VB Datasheet
251Kb / 5P
ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
SBT30120LFCT PANJIT-SBT30120LFCT Datasheet
154Kb / 4P
ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
SR34LF PANJIT-SR34LF_16 Datasheet
363Kb / 6P
ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
SXM34AVF-AU PANJIT-SXM34AVF-AU_16 Datasheet
385Kb / 6P
ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
SXM36VF PANJIT-SXM36VF_16 Datasheet
366Kb / 6P
ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
SXM36VF-AU PANJIT-SXM36VF-AU_16 Datasheet
367Kb / 6P
ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
MB420L PANJIT-MB420L Datasheet
266Kb / 5P
ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com