Electronic Components Datasheet Search
  English  ▼

X  

ECH8315 Datasheet(PDF) 2 Page - ON Semiconductor

Part # ECH8315
Description  Single P-Channel Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ECH8315 Datasheet(HTML) 2 Page - ON Semiconductor

  ECH8315 Datasheet HTML 1Page - ON Semiconductor ECH8315 Datasheet HTML 2Page - ON Semiconductor ECH8315 Datasheet HTML 3Page - ON Semiconductor ECH8315 Datasheet HTML 4Page - ON Semiconductor ECH8315 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ECH8315
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS at Ta
 25C (Note 2)
Parameter
Symbol
Conditions
Value
Unit
min
typ
max
Drain to Source Breakdown Voltage
V(BR)DSS
ID=1mA, VGS=0V
30
V
Zero-Gate Voltage Drain Current
IDSS
VDS=30V, VGS=0V
1
A
Gate to Source Leakage Current
IGSS
VGS=16V, VDS=0V
10
A
Gate Threshold Voltage
VGS(th)
VDS=10V, ID=1mA
1.2
2.6
V
Forward Transconductance
gFS
VDS=10V, ID=3.5A
5
8.4
S
Static Drain to Source On-State
Resistance
RDS(on)1
ID=3.5A, VGS=10V
19
25
m
RDS(on)2
ID=2A, VGS=4.5V
31
44
m
RDS(on)3
ID=2A, VGS=4V
35
49
m
Input Capacitance
Ciss
VDS=10V, f=1MHz
875
pF
Output Capacitance
Coss
200
pF
Reverse Transfer Capacitance
Crss
150
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit
8.1
ns
Rise Time
tr
33
ns
Turn-OFF Delay Time
td(off)
92
ns
Fall Time
tf
60
ns
Total Gate Charge
Qg
VDS=15V, VGS=10V, ID=7.5A
18
nC
Gate to Source Charge
Qgs
2.1
nC
Gate to Drain “Miller” Charge
Qgd
4.7
nC
Forward Diode Voltage
VSD
IS=7.5A, VGS=0V
0.82
1.2
V
Note 2 : Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted.
Product performance may not be indicated by the Electrical Characteristics if operated under different conditions.
Switching Time Test Circuit
PW=10
s
D.C.≤1%
P.G
50
G
S
D
ID=--3.5A
RL=4.3
VDD= --15V
VOUT
VIN
0V
--10V
VIN
ECH8315



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com