Electronic Components Datasheet Search
  English  ▼

X  

SM8224BS Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # SM8224BS
Description  Dual-Tone Receiver IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8224BS Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  SM8224BS Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8224BS Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8224BS Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8224BS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8224BS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8224BS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8224BS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8224BS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8224BS Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SM8224B
NIPPON PRECISION CIRCUITS—1
NIPPON PRECISION CIRCUITS INC.
Dual-Tone Receiver IC
OVERVIEW
The SM8224B is a receiver and decoder that supports the Bellcore TR-NWT-000030 and SR-TSV-002476
standards calling number identification (caller ID) and call waiting dual-tone signals. It has separate caller ID
signal and call waiting signal inputs, which allows the gain for each input to be adjusted independently. It is
fabricated in CMOS and features a power-down function, realizing low power dissipation operation.
FEATURES
s
TR-NWT-000030 and SR-TSV-002476 standards
(Bellcore)
s
Call waiting
s
FSK decoder
s
High input sensitivity
s
Independent input gain adjustment for caller ID
signal and call waiting signal inputs
s
Power-down mode
s
Crystal oscillator circuit built-in
s
Single supply operation:4.5 to 5.5V
s
Molybdenum-gate CMOS process
APPLICATIONS
s
Telephones, fax machines and modems that sup-
port pre- and mid-conversation information ser-
vices
s
Adapters for pre- and mid-conversation informa-
tion service functions
s
Telephone answering machines
s
Facsimile machines
s
Computer peripheral equipment
ORDERING INFORMATION
PINOUT
(Top view)
D e vice
P a ck ag e
SM8224BM
20-pin SSOP
SM8224BS
20-pin SOP
1
11
20
10
AGND
TIP
RING
TRQ
GND
DT1
DT2
DTQ
S0
S1
VDD
CDET
MODE
OSCIN
OSCOUT
TEST
CR
DTDET
STR
DOUT


Similar Part No. - SM8224BS

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SM8224 FAIRVIEW-SM8224 Datasheet
530Kb / 4P
Low PIM 4.1/9.5 Mini DIN Female to N Male Adapter
REV 1.2
logo
Nippon Precision Circui...
SM8224C NPC-SM8224C Datasheet
128Kb / 11P
Dual-Tone Receiver IC
SM8224CM NPC-SM8224CM Datasheet
128Kb / 11P
Dual-Tone Receiver IC
More results

Similar Description - SM8224BS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7630P TOSHIBA-TA7630P Datasheet
362Kb / 10P
DUAL VOLUME/BALANCE/TONE (BASS/BREBLE) DC CONTROL IC
TA8184P TOSHIBA-TA8184P Datasheet
655Kb / 15P
DUAL CHANNEL VOLTAGE/TONE CONTROL IC
logo
Rohm
BA1604 ROHM-BA1604 Datasheet
94Kb / 5P
PLL tone decoder IC
logo
List of Unclassifed Man...
TDA4290-2 ETC-TDA4290-2 Datasheet
231Kb / 8P
TONE CONTROL IC
AX31002 ETC-AX31002 Datasheet
169Kb / 5P
Bipolar Tone Ringer IC
logo
Motorola, Inc
MC145436A MOTOROLA-MC145436A Datasheet
144Kb / 8P
LOW-POWER DUAL TONE MULTIPLE FREQUENCY RECEIVER
MC145436 MOTOROLA-MC145436 Datasheet
449Kb / 6P
DUAL TONE MULTIPLE FREQUENCY RECEIVER
logo
List of Unclassifed Man...
CME6005 ETC2-CME6005 Datasheet
141Kb / 16P
Single and dual band receiver IC
logo
Micro Analog systems
MAS9081 MAS-MAS9081 Datasheet
190Kb / 12P
Dual Band Receiver IC High Sensitivity
logo
Nippon Precision Circui...
SM8224C NPC-SM8224C Datasheet
128Kb / 11P
Dual-Tone Receiver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com