Electronic Components Datasheet Search
  English  ▼

X  

MMSF1308 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMSF1308
Description  N-Channel Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMSF1308 Datasheet(HTML) 2 Page - ON Semiconductor

  MMSF1308 Datasheet HTML 1Page - ON Semiconductor MMSF1308 Datasheet HTML 2Page - ON Semiconductor MMSF1308 Datasheet HTML 3Page - ON Semiconductor MMSF1308 Datasheet HTML 4Page - ON Semiconductor MMSF1308 Datasheet HTML 5Page - ON Semiconductor MMSF1308 Datasheet HTML 6Page - ON Semiconductor MMSF1308 Datasheet HTML 7Page - ON Semiconductor MMSF1308 Datasheet HTML 8Page - ON Semiconductor MMSF1308 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MMSF1308
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
(VGS = 0 Vdc, ID = 0.25 mAdc)
Temperature Coefficient (Positive)
V(BR)DSS
30
−
−
30
−
−
Vdc
mV/°C
Zero Gate Voltage Drain Current
(VDS = 30 Vdc, VGS = 0 Vdc)
(VDS = 30 Vdc, VGS = 0 Vdc, TJ = 125°C)
IDSS
−
−
−
−
1.0
10
μAdc
Gate−Body Leakage Current (VGS = ± 20 Vdc, VDS = 0 Vdc)
IGSS
−
−
100
nAdc
ON CHARACTERISTICS (Note 1)
Gate Threshold Voltage
(VDS = VGS, ID = 0.25 mAdc)
Threshold Temperature Coefficient (Negative)
VGS(th)
1.0
−
1.6
4.3
2.5
−
Vdc
mV/°C
Static Drain−to−Source On−Resistance
(VGS = 10 Vdc, ID = 7.0 Adc)
(VGS = 4.5 Vdc, ID = 3.5 Adc)
RDS(on)
−
−
22
30
30
39
mΩ
Forward Transconductance (VDS = 5.0 Vdc, ID = 1.0 Adc) (Note 1)
gFS
−
4.5
−
Mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 24 Vdc, VGS = 0 V,
f = 1.0 MHz)
Ciss
−
690
970
pF
Output Capacitance
Coss
−
290
410
Transfer Capacitance
Crss
−
90
130
SWITCHING CHARACTERISTICS (Note 2)
Turn−On Delay Time
(VDD = 21 Vdc, ID = 7.0 Adc,
VGS = 10 Vdc,
RG = 6.0 Ω) (Note 1)
td(on)
−
7.5
15
ns
Rise Time
tr
−
24
48
Turn−Off Delay Time
td(off)
−
30
60
Fall Time
tf
−
46
92
Gate Charge
(VDS = 15 Vdc, ID = 7.0 Adc,
VGS = 10 Vdc) (Note 1)
QT
−
20
30
nC
Q1
−
2.5
−
Q2
−
6.0
−
Q3
−
8.0
−
SOURCE−DRAIN DIODE CHARACTERISTICS
Forward On−Voltage
(IS = 7.0 Adc, VGS = 0 Vdc) (Note 1)
(IS = 7.0 Adc, VGS = 0 Vdc,
TJ = 125°C)
VSD
−
−
0.85
0.71
1.0
−
Vdc
Reverse Recovery Time
(IS = 7.0 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/μs) (Note 1)
trr
−
35
−
ns
ta
−
20
−
tb
−
15
−
Reverse Recovery Stored Charge
QRR
−
0.03
−
μC
1. Pulse Test: Pulse Width ≤ 300 μs, Duty Cycle ≤ 2%.
2. Switching characteristics are independent of operating junction temperatures.
3. Reflects typical values.
Cpk =
Max limit − Typ
3 x SIGMA
4. Repetitive rating; pulse width limited by maximum junction temperature.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com