Electronic Components Datasheet Search
  English  ▼

X  

AS1135 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AS1135
Description  Powered Device with Integrated DC-DC Controller
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AS1135 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AS1135 Datasheet HTML 1Page - List of Unclassifed Manufacturers AS1135 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Brief
AS1135 Product Brief
March 2008
Page 1
AS1135
13-30W IEEE 802.3af/at (Draft 2.0)
Powered Device with Integrated
DC-DC Controller
General Description
The AS1135 is a single-chip, highly integrated CMOS solution
for Power over Ethernet (PoE) Powered Devices requiring input
power of up to 30Watts. Applications include Voice over IP
(VoIP) Phones, Wireless LAN Access Point, Security Cameras,
WiMax Terminals, Point of Sales Terminals, RFID Readers,
Thin Clients and Notebook computers.
The AS1135 integrates input Surge Protection, a PD controller,
and a low-emission DC-DC controller. The AS1135 implements
all the physical layer Powered Device (PD) functionality as
required by the IEEE® 802.3af-2005 and IEEE® 802.3at (Draft
2.0) standards. This includes 2-event classification, Type2 PSE
detection indicator (ATDET) in addition to PD detection, under-
voltage lockout, and hot-swap FET integration.
The AS1135 has been architected and designed to address
both EMI emission concerns and surge/over-voltage protection
in POE applications. The AS1135 implements many design
features that minimizes transmission of system common-mode
noise on to the UTP. On-chip integration of surge protection
provides faster ressponse to surge events and limits stray surge
current from passing through sensitive circuits, such as the
Ethernet PHY device. The device is designed to provide a safe
low impedance discharge paths directly back to the earth
ground, resulting in superior reliability and circuit protection.
By using high-volume standard CMOS technology, Akros
enables its customers to implement higher performance PoE
devices with low cost and a small footprint.
Features
The AS1135 is fully integrated and architected at a system level
to provide the following features:
•
Fully supports IEEE® Std. 802.3af-2005 and supports
IEEE® Std. 802.3at (Draft 2.0) power requirements
•
Supports 2-Event Physical Layer Classification for
802.3at (Draft 2.0) higher power PD applications
•
Provides Type 2 PSE detection per 802.3at (Draft 2.0)
•
Meets IEC 61000-4-2/3/4/5/6 for EMC Compliance
•
Meets IEC 60950 isolation requirements
•
Integrated DC-DC controller, provides exceptional
EMI performance
•
Programmable DC current limit up to 800mA
•
Provides seamless support for local power 10~57V
•
Low Rds-on hot-swap FET (typical 0.8Ω)
•
Over temperature protection
•
Industrial temperature range, -40ºC to +85ºC
•
5x5 mm, 20 lead QFN Package, RoHS compliant
Typical Applications
•
Pan, Tilt and Zoom (PTZ), Security and Web Cameras
•
Voice over IP (VoIP) phones
•
Wireless LAN Access Points, WiMax Terminals
•
Point of Sale (PoS)Terminals, RFID Terminals
•
Thin Clients and Notebook Computers
•
Fiber to the Home (FTTH) Terminals
Example Application Diagram
Figure 1: Typical Application Diagram for PoE PD (Flyback converter)


Similar Part No. - AS1135

ManufacturerPart #DatasheetDescription
logo
Advanced Technical Mate...
AS113-110-1 ATM-AS113-110-1 Datasheet
91Kb / 1P
OUTLINE, DUAL CONCENTRIC ROTARY STEP ATTENUATOR
AS113-50-1 ATM-AS113-50-1 Datasheet
91Kb / 1P
OUTLINE, DUAL CONCENTRIC ROTARY STEP ATTENUATOR
AS113-XXX-1 ATM-AS113-XXX-1 Datasheet
91Kb / 1P
OUTLINE, DUAL CONCENTRIC ROTARY STEP ATTENUATOR
logo
ams AG
AS1130 AMSCO-AS1130 Datasheet
5Mb / 39P
132-LED Cross-Plexing Dr iver wi th scrol l ing Funct ion
AS1130 AMSCO-AS1130 Datasheet
1Mb / 66P
132-LED Cross-Plexing Driver with Scrolling Function
2016-Oct-12
More results

Similar Description - AS1135

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STHS4257A STMICROELECTRONICS-STHS4257A Datasheet
197Kb / 18P
IEEE 802.3af PoE Powered Device (PD) interface controller with integrated signature resistor
26-Jul-2007
logo
ON Semiconductor
NCP1080 ONSEMI-NCP1080 Datasheet
207Kb / 14P
Integrated PoE-PD & DC-DC Converter Controller
September, 2008 ??Rev. 4
logo
Maxim Integrated Produc...
MAX5972A MAXIM-MAX5972A Datasheet
1Mb / 13P
IEEE 802.3af/at-Compliant, Powered Device Interface Controller with Integrated Power MOSFET
Rev 1; 2/10
logo
Semtech Corporation
SC461 SEMTECH-SC461 Datasheet
878Kb / 31P
EcoSpeed짰 DC-DC Buck Controller with Integrated LDO
SC508 SEMTECH-SC508 Datasheet
847Kb / 32P
EcoSpeed짰 DC-DC Buck Controller with Integrated LDO
logo
List of Unclassifed Man...
AS1124 ETC2-AS1124 Datasheet
1Mb / 21P
24W Powered Device with Integrated DC-DC Controller
logo
Monolithic Power System...
MP8004 MPS-MP8004 Datasheet
1Mb / 22P
13W 802.3af PoE Powered Device Interface with Flyback DC/DC Converter
EV8004-QW-00A MPS-EV8004-QW-00A Datasheet
481Kb / 9P
13W 802.3af PoE Powered Device Interface with Flyback DC-DC Converter EV Board
logo
Maxim Integrated Produc...
MAX5969D MAXIM-MAX5969D Datasheet
1Mb / 16P
IEEE 802.3af/at-Compliant, Powered Device Interface Controller with Integrated Power MOSFET
19-5926; Rev 0; 6/11
logo
Kinetic Technologies.
KTA1137A KINETIC-KTA1137A Datasheet
980Kb / 22P
IEEE 802.3at PoE PD with Integrated DC-DC Controller
November 2019 - Revision 04a
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com