Electronic Components Datasheet Search
  English  ▼

X  

SIP25M Datasheet(PDF) 4 Page - AUK corp

Part # SIP25M
Description  IC protector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SIP25M Datasheet(HTML) 4 Page - AUK corp

  SIP25M Datasheet HTML 1Page - AUK corp SIP25M Datasheet HTML 2Page - AUK corp SIP25M Datasheet HTML 3Page - AUK corp SIP25M Datasheet HTML 4Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
KSI-9030-001
4
■
Reliability
■
Attached :
* Taping & Packing Specification
SIP25M
Item
Condition
Sample Size
Fail Rate
ON/OFF Operating Test
* Io=Rating Current (=1A)
* On/Off (ON/OFF=15min./15min)
* Cycle Time = 100
45
0/45
Cutoff Current
* Io=5A (PT=10ms)
45
0/45
Continuous Operating
* Io=Rating Current*110%
45
0/45
High Temp. Storage
* Ta=150℃, t=1000Hr's
45
0/45
Temp. Cycle
* Ta=-65℃/150℃ (each 10min.)
* Cycle Time = 200
45
0/45
Pressure Cooker Test
* Ta=121℃, RH=100%, P=2atm
* t= 168 Hr's
45
0/45



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com