Electronic Components Datasheet Search
  English  ▼

X  

SL1027P Datasheet(PDF) 4 Page - AUK corp

Part # SL1027P
Description  DUAL PREAMPLIFIER WITH ALC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SL1027P Datasheet(HTML) 4 Page - AUK corp

  SL1027P Datasheet HTML 1Page - AUK corp SL1027P Datasheet HTML 2Page - AUK corp SL1027P Datasheet HTML 3Page - AUK corp SL1027P Datasheet HTML 4Page - AUK corp SL1027P Datasheet HTML 5Page - AUK corp SL1027P Datasheet HTML 6Page - AUK corp SL1027P Datasheet HTML 7Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
KSI-W021-000
4
Test Method
Switch Position
Sym-
bol
SW 1 SW 2 SW 3 SW 4 SW 5 SW 6
Measure-
ment
Location
Test Method
ICCQ
2
OFF
OFF
1
OFF
OFF
-
Read ammeter
GVO
1
ON
OFF
1
OFF
OFF
a, b
GVO = 20log(VO / VIN ) [dB]
GV
1
OFF
ON
1
OFF
OFF
a, b
GV = 20log(VO / VIN ) [dB]
VOM
1
OFF
ON
1
OFF
OFF
b
Measure output voltage(VO)
at THD=1%
THD
1
OFF
ON
1
OFF
OFF
b
Measure distortion factor
at VO=0.5V
CHSEP
SW1-1
1→2
SW1-2
2→1
OFF
ON
1
OFF
OFF
b
Measure crosstalk of amp
1,2 at output voltage VO = 0dBm
VNI
2
OFF
ON
1
OFF
ON
c
Convert output noise voltage
at 1KHz gain when Rg = 2.2KΩ
AW
1
OFF
OFF
2
ON
OFF
b
Input voltage range from when input
voltage VIN =-60dBm until output
voltage VO goes up 3dB
ACB
1
OFF
OFF
2
ON
OFF
b
Output voltage VO level difference of
amp 1,2 when input voltage VIN =
-20dBm is applied.
AD
1
OFF
OFF
2
ON
OFF
b
Measure distortion factor when input
voltage VIN = -20dBm is applied.
Information of Operating
1. ALC Circuit
The ALC circuit is consist of Q1, Q2 and some external components. The output level of
amplifier is rectified by external circuits and this rectified DC level is applied to the ALC
input terminal(Pin 7).
SL1027P
+
Si g n a l
In p u t
+
Vc c
+
AM P
+
1
7
6
5
2
4
-
Q1
Q2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com