Electronic Components Datasheet Search
  English  ▼

X  

SL5002P Datasheet(PDF) 2 Page - AUK corp

Part # SL5002P
Description  TONE RINGER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SL5002P Datasheet(HTML) 2 Page - AUK corp

  SL5002P Datasheet HTML 1Page - AUK corp SL5002P Datasheet HTML 2Page - AUK corp SL5002P Datasheet HTML 3Page - AUK corp SL5002P Datasheet HTML 4Page - AUK corp SL5002P Datasheet HTML 5Page - AUK corp SL5002P Datasheet HTML 6Page - AUK corp SL5002P Datasheet HTML 7Page - AUK corp SL5002P Datasheet HTML 8Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
KSI-W012-001
2
Absolute Maximum Ratings
(Ta = 25
°C)
Characteristic
Symbol
Rating
Unit
Supply Voltage
VCC
30
V
Power Dissipation
PD
400
mW
Operating Temperature
Topr
-45∼+65
°C
Storage Temperature
Tstg
-65∼+150
°C
Block Diagram
Electrical Characteristics
(Unless otherwise specified, Ta = 25
°C)
Characteristic
Symbol
Test Condition
Min.
Typ. Max.
Unit
Operating Supply Voltage
VCC
-
-
-
29
V
Initiation Supply Voltage
VCC(INI)
Trigger-In Open,
No Load
17
19
21
V
Sustaining Voltage
VSUS
Trigger-In Open,
No Load
9.7
11
13
V
Initiation Supply Current
ICC(INI)
RSL = 6.8KΩ(5002P)
0.8
2.5
4.2
mA
Sustaining Current
ISUS
VCC=VSUS, No Load
0.7
1.2
-
mA
Trigger Voltage
VTR
5001P
10.5
11
-
V
Trigger Current
ITR
5001P
10
20
1000
µA
Disable Voltage
VDIS
5001P
-
0.4
0.8
V
Disable Current
IDIS
5001P
-40
-50
-
µA
Output Voltage
VOUT
VCC=21V, No Load
17
19
21
V
Oscillator Frequency Tolerance
∆fO
-
-
-
±7
%
SL5001P/2P
8
1
2
3
4
5
6
7
RE GULA T O R W I TH
HY S T ER ES IS
AM P
HF O
LF O
OS C1
In p u t
OS C1
Ou t p u t
OS C 2
In p u t
OS C2
Ou t p u t
GND
Ou t p u t
Tr i g g e r -I n
LF O : Lo w F r e q u e n c y O S C.
HF O : Hi g h F r e q u e n c y O S C.
P i n 3,4 : Lo w F r e q u e n c y T i me Co n s t a n t
Pi n 6,7 : Hi g h F r e q u en cy T i me Co n s t a n t
* R e g u l a to r c i r c u i t h a s b u il t-i n h y s te r e s i s to p r e v e n t f al s e
trig g e rin g a n d r o t ary d i al "Ch i r p s "
VCC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com