Electronic Components Datasheet Search
  English  ▼

X  

SL5018P Datasheet(PDF) 4 Page - AUK corp

Part # SL5018P
Description  LOW POWER NARROW BAND FM IF
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SL5018P Datasheet(HTML) 4 Page - AUK corp

  SL5018P Datasheet HTML 1Page - AUK corp SL5018P Datasheet HTML 2Page - AUK corp SL5018P Datasheet HTML 3Page - AUK corp SL5018P Datasheet HTML 4Page - AUK corp SL5018P Datasheet HTML 5Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
KSI-W004-000
4
Application Circuit
Typical Performance Characteristics
SL5018/P
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
DBL5018
DBL5018
DBL5018
DBL5018
51
51
51
51
0.01
0.01
0.01
0.01
㎌
㎌
㎌
㎌
470K
470K
470K
470K
6.8K
6.8K
6.8K
6.8K
0.022
0.022
0.022
0.022
㎌
㎌
㎌
㎌
IF In pu t
IF In pu t
IF In pu t
IF In pu t
10.7MHz
10.7MHz
10.7MHz
10.7MHz
Sc a n
Sc a n
Sc a n
Sc a n
Con trol
Con trol
Con trol
Con trol
to P LL
to P LL
to P LL
to P LL
FL1
FL1
FL1
FL1
0.1
0.1
0.1
0.1
㎌
㎌
㎌
㎌
0.1
0.1
0.1
0.1
㎌
㎌
㎌
㎌
0.1
0.1
0.1
0.1
㎌
㎌
㎌
㎌
20K
20K
20K
20K
220p F
220p F
220p F
220p F
68pF
68pF
68pF
68pF
10.245
10.245
10.245
10.245
MHz
MHz
MHz
MHz
10
10
10
10
㎌
㎌
㎌
㎌
4.7
4.7
4.7
4.7
㎌
㎌
㎌
㎌
100K
100K
100K
100K
1K
1K
1K
1K
18K
18K
18K
18K
0.1
0.1
0.1
0.1
㎌
㎌
㎌
㎌
0.001
0.001
0.001
0.001
㎌
㎌
㎌
㎌
0.001
0.001
0.001
0.001
㎌
㎌
㎌
㎌
4.7K
4.7K
4.7K
4.7K
3.3K
3.3K
3.3K
3.3K
10K
10K
10K
10K
3.3K
3.3K
3.3K
3.3K 0.047
0.047
0.047
0.047
㎌
㎌
㎌
㎌
22K
22K
22K
22K
AF
AF
AF
AF
Ou tp u t
Ou tp u t
Ou tp u t
Ou tp u t
Qu a d Coi l
Qu a d Coi l
Qu a d Coi l
Qu a d Coi l
FL1 muRata Erie North America type CFU455D2 or equivalent
Quadrature Coil Toko America type 7MC 8128Z or equivalent
SL5018
SL5018P
VCC=
4V
2.0
2.0
2.0
2.0
4.0
4.0
4.0
4.0
6.0
6.0
6.0
6.0
8.0
8.0
8.0
8.0
110
110
110
110
120
120
120
120
130
130
130
130
140
140
140
140
150
150
150
150
160
160
160
160
170
170
170
170
180
180
180
180
190
190
190
190
A u di o ou t pu t . Di s t or t i on
A u di o ou t pu t . Di s t or t i on
A u di o ou t pu t . Di s t or t i on
A u di o ou t pu t . Di s t or t i on
1.0
1.0
1.0
1.0
2.0
2.0
2.0
2.0
3.0
3.0
3.0
3.0
4.0
4.0
4.0
4.0
5.0
5.0
5.0
5.0
6.0
6.0
6.0
6.0
7.0
7.0
7.0
7.0
8.0
8.0
8.0
8.0
V cc. S UPPLY V O LT AGE(V d c)
V cc. S UPPLY V O LT AGE(V d c)
V cc. S UPPLY V O LT AGE(V d c)
V cc. S UPPLY V O LT AGE(V d c)
T a = 25
T a = 25
T a = 25
T a = 25
o
o
o
o C
C
C
C
Audi o O u t p ut
Audi o O u t p ut
Audi o O u t p ut
Audi o O u t p ut
Di s t orti o n
Di s t orti o n
Di s t orti o n
Di s t orti o n
-40
-40
-40
-40
0
0
0
040
40
40
40
80
80
80
80
80
80
80
80
100
100
100
100
120
120
120
120
140
140
140
140
160
160
160
160
180
180
180
180
200
200
200
200
220
220
220
220
240
240
240
240
A u di o ou t pu t . Di s t or t i on
A u di o ou t pu t . Di s t or t i on
A u di o ou t pu t . Di s t or t i on
A u di o ou t pu t . Di s t or t i on
1.0
1.0
1.0
1.0
2.0
2.0
2.0
2.0
3.0
3.0
3.0
3.0
4.0
4.0
4.0
4.0
5.0
5.0
5.0
5.0
6.0
6.0
6.0
6.0
7.0
7.0
7.0
7.0
8.0
8.0
8.0
8.0
A MBIENT T EMP ER A T UR E(
A MBIENT T EMP ER A T UR E(
A MBIENT T EMP ER A T UR E(
A MBIENT T EMP ER A T UR E(
o
o
o
o C)
C)
C)
C)
V cc=4.0V
V cc=4.0V
V cc=4.0V
V cc=4.0V
Audi o O u t p ut
Audi o O u t p ut
Audi o O u t p ut
Audi o O u t p ut
Di s t orti o n
Di s t orti o n
Di s t orti o n
Di s t orti o n
-20
-20
-20
-20
20
20
20
20
60
60
60
60



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com