Electronic Components Datasheet Search
  English  ▼

X  

SL5019 Datasheet(PDF) 5 Page - AUK corp

Part # SL5019
Description  SL5018
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SL5019 Datasheet(HTML) 5 Page - AUK corp

  SL5019 Datasheet HTML 1Page - AUK corp SL5019 Datasheet HTML 2Page - AUK corp SL5019 Datasheet HTML 3Page - AUK corp SL5019 Datasheet HTML 4Page - AUK corp SL5019 Datasheet HTML 5Page - AUK corp SL5019 Datasheet HTML 6Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
KSI-W005-000
5
Application Circuit
SL5019/P
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
SL5019
0.01uF
R1
51K
C12
0.1 ㎌
68pF
sm
10.245
MHz
C17
0.1
C11
220pF
sm
T2: TOKO
2A6597 HK 10mm
or
7MC-8128Z 7mm
muRata CFU455D2
or equivalent
Units: R:ohm, C: ㎌
Unless otherwise noted capacitors marked "sm" are silver mica.
C1
C10
C13
0.1 ㎌
C14
0.1 ㎌
R10
39K
RSSI Output
1st IF 10.7MHz
from Input
Front End
C15
91pF
R11
560
L1
TKANS
9443HM
6.8uH ± 6 %
C2
4.7
R3
100K
R4
1.0K
R2
10K
D1
IN5817
R5
4.7K
R6
560
C3
0.1
C4
0.001
C5
0.001
R7
4.7K
R8
3.3K
VR1
(Squelch
Control)
10K
C8
0.22
C7
0.022
VR2
10K
AF out
to Audio
Power Amp
R9
510K
C9
10
SL5019
SL5019P



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com