Electronic Components Datasheet Search
  English  ▼

X  

SL5020 Datasheet(PDF) 2 Page - AUK corp

Part # SL5020
Description  LOW VOLTAGE COMPANDER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SL5020 Datasheet(HTML) 2 Page - AUK corp

  SL5020 Datasheet HTML 1Page - AUK corp SL5020 Datasheet HTML 2Page - AUK corp SL5020 Datasheet HTML 3Page - AUK corp SL5020 Datasheet HTML 4Page - AUK corp SL5020 Datasheet HTML 5Page - AUK corp SL5020 Datasheet HTML 6Page - AUK corp SL5020 Datasheet HTML 7Page - AUK corp SL5020 Datasheet HTML 8Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
KSI-W006-000
2
Maximum Ratings(Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Maximum Supply Voltage
VCC
10
V
Power Dissipation
PD
410
mW
Storage Temperature Range
Tstg
-55 ~ 150
℃
Operating Conditions
• Operating Supply Voltage : 1.8 ~ 5.0V
• Operating Temperature Range : -20 ~ 70℃
• Input frequency Range : 100Hz ~ 20kHz
• Input Voltage : Compressor Input = 700mVrms
( Vcc=3V) Expander Input = 316mVrms
Block Diagram
SL5020/P
14
13
12
11
1
2
3
4
5
6
7
8
9
10
CO M.F /B
EX P .IN
BI A S
-
+
RECT
GAI N
GA I N
RECT
MUT E
MUT E
-
+
-
+
-
+
Vc c
V REF
VB
GND
EX P .O UT
EX P .MUT E
EX P .F I L
VB
VB
CO M.O UT
CO M.M UT E
CO M.CF
CO M.I N
CO M .F I L



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com