Electronic Components Datasheet Search
  English  ▼

X  

SM8577BS Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # SM8577BS
Description  Real-time Clock IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8577BS Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  SM8577BS Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8577BS Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8577BS Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8577BS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8577BS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8577BS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8577BS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8577BS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8577BS Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SM8577B
NIPPON PRECISION CIRCUITS—2
BLOCK DIAGRAM
PIN DESCRIPTION
Number
Name
I/O
Description
1CE
I
Chip enable.With pull-down resistor built-in.
HIGH: Enable
LOW: DATA goes high impedance; input on CLK and DATA stops; and the TM bit is cleared.
2
DATA
I/O
Data read and write input/output
3
CLK
I
Serial clock input.
Data is input (write mode) and output (read mode) on the rising edge of CLK.
4
FOUT
O
Frequency output (controlled by the 4th data bit of the ‘week’ data, FSEL).
1 Hz output when FSEL is 0, and 32.768 kHz output when FSEL is 1.
In 1 Hz output mode, the 1 Hz signal is synchronized to the internal 1 second signal.
FOUT output is not affected by the CE signal.
5
VSS
–
Ground
6
XT
I
Crystal oscillator element connection pin
7
XTN
O
Crystal oscillator element connection pin. Oscillator capacitor CD is built-in.
8
VDD
–
Supply voltage.
Connect a
≥ 0.1 µF capacitor between VDD and VSS.
OSC
Divider
Timer Counter
Shift Register
Voltage
Detect
I/O
Controller
Controll
Circuit
DATA
CLK
CE
Output
Controller
FOUT
XT
XTN
VDD
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com