Electronic Components Datasheet Search
  English  ▼

X  

MTP52N06VL Datasheet(PDF) 3 Page - ON Semiconductor

Part # MTP52N06VL
Description  N?묬hannel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MTP52N06VL Datasheet(HTML) 3 Page - ON Semiconductor

  MTP52N06VL Datasheet HTML 1Page - ON Semiconductor MTP52N06VL Datasheet HTML 2Page - ON Semiconductor MTP52N06VL Datasheet HTML 3Page - ON Semiconductor MTP52N06VL Datasheet HTML 4Page - ON Semiconductor MTP52N06VL Datasheet HTML 5Page - ON Semiconductor MTP52N06VL Datasheet HTML 6Page - ON Semiconductor MTP52N06VL Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MTP52N06VL
http://onsemi.com
3
TYPICAL ELECTRICAL CHARACTERISTICS
0
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
Figure 1. On−Region Characteristics
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
Figure 2. Transfer Characteristics
ID, DRAIN CURRENT (AMPS)
Figure 3. On−Resistance versus Drain Current
and Temperature
ID, DRAIN CURRENT (AMPS)
Figure 4. On−Resistance versus Drain Current
and Gate Voltage
TJ, JUNCTION TEMPERATURE (°C)
Figure 5. On−Resistance Variation with
Temperature
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
Figure 6. Drain−To−Source Leakage
Current versus Voltage
TJ = 25°C
VGS = 10 V
7 V
8 V
5 V
4 V
3 V
100
80
60
40
20
0
2
0
1.0
5
3
2.5
VDS ≥ 10 V
TJ = − 55°C
100°C
25°C
VGS = 5 V
20
0
.030
0
40
60
80
100
TJ = 100°C
25°C
−55°C
TJ = 25°C
.040
0
VGS = 5 V
10 V
VGS = 5 V
ID = 26 A
1.6
1.4
1
0.6
0.4
− 50
− 25
0
25
50
75
100
125
150
VGS = 0 V
TJ = 125°C
1
0
1020
30405060
468
10
100
80
60
40
20
0
24
6
1.5
.020
.010
.030
.020
.010
20
40
60
80
110
100
10
100°C
175
1.8
110
90
70
50
30
10
13
57
9
90
70
50
30
10
110
3.5
4.5
5.5
0.5
30
10
50
70
90
110
.035
.025
.015
.005
10
30
50
70
90
1.2
0.8
6 V
.060
.050
.040
100
0.2
0
1000
.070



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com