Electronic Components Datasheet Search
  English  ▼

X  

SM8580AM Datasheet(PDF) 13 Page - Nippon Precision Circuits Inc

Part # SM8580AM
Description  Real-time Clock IC with 4-bit Interface and Built-in Temperature Sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8580AM Datasheet(HTML) 13 Page - Nippon Precision Circuits Inc

Back Button SM8580AM Datasheet HTML 9Page - Nippon Precision Circuits Inc SM8580AM Datasheet HTML 10Page - Nippon Precision Circuits Inc SM8580AM Datasheet HTML 11Page - Nippon Precision Circuits Inc SM8580AM Datasheet HTML 12Page - Nippon Precision Circuits Inc SM8580AM Datasheet HTML 13Page - Nippon Precision Circuits Inc SM8580AM Datasheet HTML 14Page - Nippon Precision Circuits Inc SM8580AM Datasheet HTML 15Page - Nippon Precision Circuits Inc SM8580AM Datasheet HTML 16Page - Nippon Precision Circuits Inc SM8580AM Datasheet HTML 17Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
SM8580AM
NIPPON PRECISION CIRCUITS—13
s
Function operation table
Bit
Function
S T O P
A D J
Clock
Timer
Alarm
FOUT
0
0
Operating
Operating3
Operating
Operating6
0
1
Adjust1
Operating4
Operating
Operating7
1
0
Stopped
Operating/stopped5
Stopped
Operating/stopped8
1
1
Stopped/adjust2
Operating/stopped5
Stopped
Operating/stopped8
1. ±30 seconds adjust function
2. The clock stops, and the ±30 seconds adjust function operates.
3. If the timer source clock frequency is
≤ 1Hz, the timer cycle changes when the digital correction function is used.
If the timer source clock frequency is
≥ 64Hz, the timer cycle is not affected when the digital correction function is used.
4. If the timer source clock frequency is
≤ 1Hz, the timer cycle changes.
If the timer source clock frequency is
≥ 64Hz, the timer cycle does not change.
5. If the timer source clock frequency is
≤ 1Hz, the timer is stopped.
If the timer source clock frequency is
≥ 64Hz, the timer operates.
6. If the FOUT source clock frequency is
≤ 1Hz, the cycle changes when the digital correction function is used.
If the FOUT source clock frequency is
≥ 32Hz, the cycle is not affected when the digital correction function is used.
7. If the FOUT source clock frequency is
≤ 1Hz, the cycle changes.
If the FOUT source clock frequency is
≥ 32Hz, the cycle does not change.
8. If the FOUT source clock frequency is
≤ 1Hz, the timer is stopped.
If the FOUT source clock frequency is
≥ 32Hz, the timer operates.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com