Electronic Components Datasheet Search
  English  ▼

X  

DDF-LJG Datasheet(PDF) 2 Page - DOMINANT Semiconductors

Part # DDF-LJG
Description  High brightness surface mount LED
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DDF-LJG Datasheet(HTML) 2 Page - DOMINANT Semiconductors

  DDF-LJG Datasheet HTML 1Page - DOMINANT Semiconductors DDF-LJG Datasheet HTML 2Page - DOMINANT Semiconductors DDF-LJG Datasheet HTML 3Page - DOMINANT Semiconductors DDF-LJG Datasheet HTML 4Page - DOMINANT Semiconductors DDF-LJG Datasheet HTML 5Page - DOMINANT Semiconductors DDF-LJG Datasheet HTML 6Page - DOMINANT Semiconductors DDF-LJG Datasheet HTML 7Page - DOMINANT Semiconductors DDF-LJG Datasheet HTML 8Page - DOMINANT Semiconductors DDF-LJG Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
02/04/2015 V4.0
2
InGaN Warm White: DDF-LJG
Part Ordering
Number
Color
Viewing
Angle˚
Luminous Intensity @ IF = 20mA IV (mcd)
NOTE
1. All part number above comes in a quantity of 2000 units per reel.
2. Luminous intensity is measured with an accuracy of ± 11%.
3. Color binning is carried for all units as per the color binning table. Only one color group is allowed for each reel.
4. InGaN wavelength is very sensitive to drive current. Operating at lower current is not recommended and may yield unpredictable performace
Current pushing should is used for dimming purposes.
DDF-LJG-WX1-1
DDF-LJG-W2X-4J8N
Warm White
Warm White
120
120
1125.0
1400.0
Vr @ Ir = 10 µA
Electrical Characteristics at Tj=250C
Vf @ If = 20 mA
3.2
5.0
Forward Voltage, Vf is measured with an accuracy of ± 0.1 V.
Part Number
Min. (V)
Typ. (V)
Max. (V)
Min. (V)
DDF-LJG
2.8
3.6
Optical Characteristics at Tj=250C
Unit
Absolute Maximum Ratings
Maximum Value
DC forward current
Peak pulse current; (tp ≤ 10µs, Duty cycle = 0.10)
Reverse voltage; Ir max = 10µA
ESD threshold (HBM)
LED junction temperature
Operating temperature
Storage temperature
Power dissipation (at room temperature)
Thermal resistance
- Junction / ambient, Rth JA
- Junction / solder point, Rth JS
(Mounting on FR4 PCB, pad size >= 16 mm2 per pad)
30
100
5
2000
125
-40 … +100
-40 … +100
110
340
180
mA
mA
V
V
˚C
˚C
˚C
mW
K/W
K/W
Min.
Typ.
Max.
1800.0
2240.0
2240.0
2850.0
DOMINANT
Opto Technologies
Innovating Illumination
TM
Luminous Flux
Typ.
5250.0
6530.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com