Electronic Components Datasheet Search
  English  ▼

X  

DDF-MJG Datasheet(PDF) 3 Page - DOMINANT Semiconductors

Part # DDF-MJG
Description  High brightness surface mount LED
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DDF-MJG Datasheet(HTML) 3 Page - DOMINANT Semiconductors

  DDF-MJG Datasheet HTML 1Page - DOMINANT Semiconductors DDF-MJG Datasheet HTML 2Page - DOMINANT Semiconductors DDF-MJG Datasheet HTML 3Page - DOMINANT Semiconductors DDF-MJG Datasheet HTML 4Page - DOMINANT Semiconductors DDF-MJG Datasheet HTML 5Page - DOMINANT Semiconductors DDF-MJG Datasheet HTML 6Page - DOMINANT Semiconductors DDF-MJG Datasheet HTML 7Page - DOMINANT Semiconductors DDF-MJG Datasheet HTML 8Page - DOMINANT Semiconductors DDF-MJG Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
InGaN Warm White: DDF-MJG
20/06/2013 V1.0
3
DOMINANT
Opto Technologies
Innovating Illumination
TM
0 45
0.46
White Color Structure
0.37
0.38
0.39
0.4
0.41
0.42
0.43
0.44
0.45
Q R
S T U
V W X
7
8
4
5
6
7
8
9
4500K
4000K
3500K
3000K
2700K
0.32
0.33
0.34
0.35
0.36
0.37
0.34
0.36
0.38
0.4
0.42
0.44
0.46
0.48
0.5
J K
L M
N O
P
Q
4
5
6
Color Bin Structure
Color Bin Structure
Bin
4U
5U
6U
7U
8U
9U
4V
5V
6V
7V
8V
9V
0.4330
0.3800
0.4370
0.3890
0.4420
0.3980
0.4470
0.4080
0.4510
0.4170
0.4560
0.4260
0.4380
0.3810
0.4430
0.3910
0.4480
0.4000
0.4530
0.4090
0.4580
0.4180
0.4620
0.4270
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
0.4370
0.3890
0.4420
0.3980
0.4470
0.4080
0.4510
0.4170
0.4560
0.4260
0.4610
0.4350
0.4430
0.3910
0.4480
0.4000
0.4530
0.4090
0.4580
0.4180
0.4620
0.4270
0.4670
0.4370
0.4430
0.3910
0.4480
0.4000
0.4530
0.4090
0.4580
0.4180
0.4620
0.4270
0.4670
0.4370
0.4480
0.3920
0.4530
0.4010
0.4590
0.4100
0.4640
0.4200
0.4690
0.4290
0.4740
0.4380
0.4380
0.3810
0.4430
0.3910
0.4480
0.4000
0.4530
0.4090
0.4580
0.4180
0.4620
0.4270
0.4430
0.3830
0.4480
0.3920
0.4530
0.4010
0.4590
0.4100
0.4640
0.4200
0.4690
0.4290
1
Chromaticity coordinate groups are measured with an accuracy of ± 0.01.
2
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com