Electronic Components Datasheet Search
  English  ▼

X  

DDX-DZJS Datasheet(PDF) 2 Page - DOMINANT Semiconductors

Part # DDX-DZJS
Description  High brightness surface mount LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DDX-DZJS Datasheet(HTML) 2 Page - DOMINANT Semiconductors

  DDX-DZJS Datasheet HTML 1Page - DOMINANT Semiconductors DDX-DZJS Datasheet HTML 2Page - DOMINANT Semiconductors DDX-DZJS Datasheet HTML 3Page - DOMINANT Semiconductors DDX-DZJS Datasheet HTML 4Page - DOMINANT Semiconductors DDX-DZJS Datasheet HTML 5Page - DOMINANT Semiconductors DDX-DZJS Datasheet HTML 6Page - DOMINANT Semiconductors DDX-DZJS Datasheet HTML 7Page - DOMINANT Semiconductors DDX-DZJS Datasheet HTML 8Page - DOMINANT Semiconductors DDX-DZJS Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
16/02/2015 V10.0
2
DDB-DZJS-PQ2-1
DDB-DZJS-ST2-1
DDT-DZJS-R2T1-1
DDT-DZJS-VW2-1
Blue, 470nm
Blue, 470nm
True Green, 525nm
True Green, 525nm
120
120
120
120
45.0
180.0
140.0
715.0
InGaN : DDx-DZJS
Part Ordering
Number
Color
Viewing
Angle˚
Luminous Intensity @ 20mA IV (mcd)
NOTE
1. All part number above comes in a quantity of 2000 units per reel.
2. Other luminious intensity groups are also available upon request.
3. Luminous intensity is measured with an accuracy of ± 11%.
4. Wavelength binning is carried for all units as per the wavelength-binning table. Only one wavelength group is allowed for each reel.
5. The appearance of color of emission area for DDT-DZJS-R2T1-1 and DDB-DZJS-PQ2-1 are clear tinted.
Min. (V)
Vf @ If = 20mA
Forward voltage, Vf is measured with an accuracy of ± 0.1 V.
Electrical Characteristics at Tj=25˚C
Max. (V)
Part Number
DDx-DZJS
2.8
3.6
Typ. (V)
3.1
Optical Characteristics at Tj=25˚C
Min.
Typ.
Max.
71.5
250.0
224.0
900.0
112.5
450.0
355.0
1800.0
Unit
Absolute Maximum Ratings
Maximum Value
DC forward current
Peak pulse current; (tp ≤ 10µs, Duty cycle = 0.005)
Reverse voltage
ESD threshold (HBM)
LED junction temperature
Operating temperature
Storage temperature
Power dissipation (at room temperature)
Thermal resistance
- Junction / ambient, Rth JA
- Junction / solder point, Rth JS
(Mounting on FR4 PCB, pad size >= 16mm2 per pad)
20
100
Not for reverse bias
2000
125
-40 … +100
-40 … +100
80
340
180
mA
mA
V
V
˚C
˚C
˚C
mW
K/W
K/W
DOMINANT
Opto Technologies
Innovating Illumination
TM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com