Electronic Components Datasheet Search
  English  ▼

X  

DDX-PJS Datasheet(PDF) 4 Page - DOMINANT Semiconductors

Part # DDX-PJS
Description  High brightness surface mount LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DDX-PJS Datasheet(HTML) 4 Page - DOMINANT Semiconductors

  DDX-PJS Datasheet HTML 1Page - DOMINANT Semiconductors DDX-PJS Datasheet HTML 2Page - DOMINANT Semiconductors DDX-PJS Datasheet HTML 3Page - DOMINANT Semiconductors DDX-PJS Datasheet HTML 4Page - DOMINANT Semiconductors DDX-PJS Datasheet HTML 5Page - DOMINANT Semiconductors DDX-PJS Datasheet HTML 6Page - DOMINANT Semiconductors DDX-PJS Datasheet HTML 7Page - DOMINANT Semiconductors DDX-PJS Datasheet HTML 8Page - DOMINANT Semiconductors DDX-PJS Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
DOMINANT
Opto Technologies
Innovating Illumination
TM
AllnGaP : DDx-PJS
30/10/2015 V6.0
U2
V1
V2
W1
W2
560.0...715.0
715.0...900.0
900.0...1125.0
1125.0...1400.0
1400.0...1800.0
Brightness Group
Luminous Intensity
IV (mcd)
Luminous Intensity Group at Tj=25˚C
Vf Bining (Optional)
Vf @ If = 20mA
V1
V2
V3
V4
V5
V6
1.80 ... 1.95
1.95 ... 2.10
2.10 ... 2.25
2.25 ... 2.40
2.40 ... 2.55
2.55 ... 2.70
Forward voltage, Vf is measured with an accuracy of ± 0.1V.
Please consult sales and marketing to incorporate special part number to incorporate Vf binning.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com