Electronic Components Datasheet Search
  English  ▼

X  

SPC815 Datasheet(PDF) 2 Page - AUK corp

Part # SPC815
Description  DIP Photo Coupler
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SPC815 Datasheet(HTML) 2 Page - AUK corp

  SPC815 Datasheet HTML 1Page - AUK corp SPC815 Datasheet HTML 2Page - AUK corp SPC815 Datasheet HTML 3Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KPC-0013-000
2
SPC815
Absolute maximum ratings
(Ta=25)
Characteristic
Symbol
Ratings
Unit
Continuous Forward Current
IF
50
mA
Reverse Voltage
VR
5
V
IRED
Power Dissipation
PD
70
mW
Collector-Emitter Voltage
VCEO
35
V
Emitter-Collector Voltage
VECO
6
V
Collector Current
IC
50
mA
Detector
Power Dissipation
PD
150
mW
Operating Temperature
Topr
-30~100
℃
Storage Temperature
Tstg
-55~125
℃
Soldering Temperature
Tsol
260℃ within 10 seconds
Coupler
*1Isolation Voltage
Viso
2,500
Vrms
*1.Measured at RH = 40 ~60% for 1 min
Electrical Characteristics
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward Current
VF
IF=10mA
-
1.15
1.3
V
Reverse Current
IR
VR=5V
-
-
10
uA
IRED
Capacitance
CT
V=0V,f=1MHz
-
30
-
pF
Collector-Emitter Breakdown Voltage
BVCEO
IC=0.5mA
35
-
-
V
Emitter-Collector Breakdown Voltage
BVECO
IE=10uA
6
-
-
V
Collector Dark Current
ICEO
IF=0mA,VCE=10V
-
-
1
uA
Detector
Capacitance
CCE
VCE=0,f=1MHz
-
10
-
pF
Current Transfer Ratio
CTR
IF=1mA,VCE=2V
300
-
-
%
Collector-Emitter Saturation Voltage
VCE(sat)
IF=20mA,IC=5m
A
-
0.6
0.9
V
Input-Output Capacitance
CI-O
V=0V,f=1MHz
-
0.8
-
pF
Coupler
Isolation Resistance
Riso
DC 500V
40~60% RH
-
1011
Ω
Rise Time
tr
-
60
300
Switching Time
Fall Time
tf
VCC=5V,RL=100Ω
IC=2mA
-
60
250
usec



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com