Electronic Components Datasheet Search
  English  ▼

X  

SM9103M Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # SM9103M
Description  DVDRAM Head Amplifier LSI
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM9103M Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  SM9103M Datasheet HTML 1Page - Nippon Precision Circuits Inc SM9103M Datasheet HTML 2Page - Nippon Precision Circuits Inc SM9103M Datasheet HTML 3Page - Nippon Precision Circuits Inc SM9103M Datasheet HTML 4Page - Nippon Precision Circuits Inc SM9103M Datasheet HTML 5Page - Nippon Precision Circuits Inc SM9103M Datasheet HTML 6Page - Nippon Precision Circuits Inc SM9103M Datasheet HTML 7Page - Nippon Precision Circuits Inc SM9103M Datasheet HTML 8Page - Nippon Precision Circuits Inc SM9103M Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
SM9103M
NIPPON PRECISION CIRCUITS—2
PACKAGE DIMENSIONS
(Unit: mm)
BLOCK DIAGRAM
0.85
15.20 to 15.40
0.29 to 0.39
0.80
0.63 ± 0.10
0 to 8°
0.23 to 0.32
R0.63 to 0.89
A
B
C
D
A+B+C+D
(A+B)-(C+D)
DATAP
DATAN
TADDB
TADD
CAPAP
CAPAN
TSUBB
TSUB
DPDA
DPDB
DPDC
DPDD
CALREQ
FSUB
FSUBB
FADDB
FADD
F2
F1
TEMPO
TEMPI
T4
T3
T2
T1
to each block
Serial interface
Gain switching
amplifier
(RAM read/write,
ROM read)
Analog
Signal
processor
Offset canceller
Thermal sensor
Canceller control
Offset canceller
Gain switching
amplifier
Differential
output buffer
Amplifier
Gain switch
(2dB step)
Buffer
Buffer
Buffer
Buffer
Differential
output buffer
Gain switch
(2dB step)
Amplifier
Analog
Signal
processor
+5V
+5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com