Electronic Components Datasheet Search
  English  ▼

X  

CUSTOS9XPLUS_2K Datasheet(PDF) 1 Page - FSP TECHNOLOGY INC.

Part # CUSTOS9XPLUS_2K
Description  True double-conversion online UPS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FSP [FSP TECHNOLOGY INC.]
Direct Link  http://www.fsp-group.com/
Logo FSP - FSP TECHNOLOGY INC.

CUSTOS9XPLUS_2K Datasheet(HTML) 1 Page - FSP TECHNOLOGY INC.

  CUSTOS9XPLUS_2K Datasheet HTML 1Page - FSP TECHNOLOGY INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES
True double-conversion online UPS
Output power factor 0.9
User-friendly and easy-shift LC D display
Rack/Tower design
Programmable power management outlets
50/60Hz frequency converter mode
EC O and advanced EC O mode for energy saving
Emergency power off function (EPO)
Hot-swappable battery design for 1-3K models only
DSP technology applied for 6K and up models
Active input power factor correction 0.99 for 6K and up
models
N+X paralled redundancy available for 6K and up
models
PHASE (ONLY FOR ONLINE UPS)
Phase:
1-phase in / 1-phase out
INPUT
Capacity :
2000 VA / 1800 W
Voltage:
100*/110*/115*/120 VAC or
208/220/230/240 VAC
Voltage Range:
55-150 VAC ± 5% or 110-300
VAC ± 5%
F requency Range:
40Hz ~ 70 Hz
OUTPUT
AC Voltage Regulation
(Batt. Mode) :
± 1%
F requency Range
(Batt. Mode):
47~ 53 Hz or 57 ~ 63 Hz
Wav eform
(Batt. Mode):
Pure Slin Wave
BATTERY
Battery Ty pe:
12 V/9 Ah
Battery Number:
4
Ty pical Recharge
Time:
NONE
SAFETY STANDARD APPAOVAL
PROTECTION
F ull Protection:
Full Protection
PHYSICAL
Output Receptacles:
India, French, Schuko,
NEMA, and IEC selections
Dimension:
480mm(L) x 438mm(W) x
88mm(H)
Net Weight (kgs):
20.6
OPERATING ENVIRONMENT
Humidity :
20-90% RH @ 0-40℃ (non-
condensing)
Noise Lev el:
Less than 50dB @ 1 Meter
MANAGEMENT
Optional USB/RS-232
Port:
Support Windows
98/2000/2003/XP/Vista/2008,
Windows 7, Linux, and MAC
T his co nte nt is subje ct to cha nge , ple a se re fe r to spe cifica tio n fo r m o re de ta il.
FSP re se rve the right to cha nge the co nte nt witho ut prio r no tice
UPS
Custos 9X+ 2K


Similar Part No. - CUSTOS9XPLUS_2K

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
CUSTOS9XPLUS_1.5K FSP-CUSTOS9XPLUS_1.5K Datasheet
81Kb / 1P
True double-conversion online UPS
CUSTOS9XPLUS_1K FSP-CUSTOS9XPLUS_1K Datasheet
81Kb / 1P
True double-conversion online UPS
CUSTOS9XPLUS_3K FSP-CUSTOS9XPLUS_3K Datasheet
81Kb / 1P
True double-conversion online UPS
More results

Similar Description - CUSTOS9XPLUS_2K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SU1500RTXL2U ETC2-SU1500RTXL2U Datasheet
471Kb / 5P
Smart Online Expandable Rack/Tower UPS System Online, double-conversion protection for mission
logo
FSP TECHNOLOGY INC.
AGIES40K FSP-AGIES40K Datasheet
70Kb / 1P
Online double conversion technology with DSP control
AGIES60K FSP-AGIES60K Datasheet
70Kb / 1P
Online double conversion technology with DSP control
FSP250-50GSV-5K FSP-FSP250-50GSV-5K Datasheet
70Kb / 1P
Online double conversion technology with DSP control
AGIES120K FSP-AGIES120K Datasheet
70Kb / 1P
Online double conversion technology with DSP control
CUSTOS9XPLUS_1.5K FSP-CUSTOS9XPLUS_1.5K Datasheet
81Kb / 1P
True double-conversion online UPS
CUSTOS9XPLUS_1K FSP-CUSTOS9XPLUS_1K Datasheet
81Kb / 1P
True double-conversion online UPS
CUSTOS9XPLUS_3K FSP-CUSTOS9XPLUS_3K Datasheet
81Kb / 1P
True double-conversion online UPS
logo
Nova Electric. All Righ...
NEDM30 NOVA-NEDM30 Datasheet
622Kb / 4P
Modular Online UPS
NEHRL11 NOVA-NEHRL11 Datasheet
280Kb / 2P
Rack Online UPS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com