Electronic Components Datasheet Search
  English  ▼

X  

EP1000 Datasheet(PDF) 1 Page - FSP TECHNOLOGY INC.

Part # EP1000
Description  Boost and buck AVR for voltage stabilization
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FSP [FSP TECHNOLOGY INC.]
Direct Link  http://www.fsp-group.com/
Logo FSP - FSP TECHNOLOGY INC.

EP1000 Datasheet(HTML) 1 Page - FSP TECHNOLOGY INC.

  EP1000 Datasheet HTML 1Page - FSP TECHNOLOGY INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
APPLICATION
Home, Office, Internet Bar
FEATURES
Excellent microprocessor control guarantees high
reliability
Boost and buck AVR for voltage stabilization
Auto restart while AC is recovering
Simulated sine wave
Off-mode charging
C old start function
USB/RS-232 communication port and RJ-11 protection
PHASE (ONLY FOR ONLINE UPS)
Phase:
1-phase in / 1-phase out
INPUT
Capacity :
1000 VA / 600 W
Voltage:
110/120 VAC or 220/230/240
VAC
Voltage Range:
81-145 VAC / 162-290 VAC
F requency Range:
60/50 Hz (auto sensing)
OUTPUT
AC Voltage Regulation
(Batt. Mode) :
±10%
F requency Range
(Batt. Mode):
60 Hz or 50 Hz ±1 Hz
Transfer Time:
Typical 2 ~ 6 ms,
Wav eform
(Batt. Mode):
Simulated Sine Wave
BATTERY
Battery Ty pe:
12 V/7 Ah
Battery Number:
2
Ty pical Recharge
Time:
4-6 hours up to 90% capacity
SAFETY STANDARD APPAOVAL
PROTECTION
F ull Protection:
Overload, Discharge, and
Overcharge Protection
PHYSICAL
Output Receptacles:
India, French, Schuko,
NEMA, and IEC ions
Dimension:
350mm(L) x 146mm(W) x
160mm(H)
Net Weight (kgs):
8
OPERATING ENVIRONMENT
Humidity :
0-90 % RH @ 0- 40°C
(non-condensing)
Noise Lev el:
Less than 40dB
MANAGEMENT
Optional USB/RS-232
Port:
Support Windows
98/2000/2003/XP/Vista/2008,
Windows 7, Linux, and MAC 8
T his co nte nt is subje ct to cha nge , ple a se re fe r to spe cifica tio n fo r m o re de ta il.
FSP re se rve the right to cha nge the co nte nt witho ut prio r no tice
UPS
EP 1000


Similar Part No. - EP1000

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
EP1000 EDI-EP1000 Datasheet
54Kb / 2P
HIGH VOLTAGE HIGH CURRENT MINIATURE RECTIFIERS
More results

Similar Description - EP1000

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
CP750 FSP-CP750 Datasheet
68Kb / 1P
Boost and Buck AVR for voltage stabilization
CP2000 FSP-CP2000 Datasheet
67Kb / 1P
Boost and Buck AVR for voltage stabilization
EP450 FSP-EP450 Datasheet
72Kb / 1P
Boost and buck AVR for voltage stabilization
EP650 FSP-EP650 Datasheet
72Kb / 1P
UPS
EP850 FSP-EP850 Datasheet
72Kb / 1P
Boost and buck AVR for voltage stabilization
EP1500 FSP-EP1500 Datasheet
66Kb / 1P
Boost and buck AVR for voltage stabilization
EP2000 FSP-EP2000 Datasheet
66Kb / 1P
Boost and buck AVR for voltage stabilization
FP1500 FSP-FP1500 Datasheet
65Kb / 1P
Boost and buck AVR for voltage stabilization
FP2000 FSP-FP2000 Datasheet
65Kb / 1P
Boost and buck AVR for voltage stabilization
logo
Maxim Integrated Produc...
MAX25611 MAXIM-MAX25611 Datasheet
508Kb / 11P
Configured for Boost and Buck-Boost Application
Rev 1; 3/19
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com