Electronic Components Datasheet Search
  English  ▼

X  

FP1500 Datasheet(PDF) 1 Page - FSP TECHNOLOGY INC.

Part # FP1500
Description  Boost and buck AVR for voltage stabilization
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FSP [FSP TECHNOLOGY INC.]
Direct Link  http://www.fsp-group.com/
Logo FSP - FSP TECHNOLOGY INC.

FP1500 Datasheet(HTML) 1 Page - FSP TECHNOLOGY INC.

  FP1500 Datasheet HTML 1Page - FSP TECHNOLOGY INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
APPLICATION
Home, Small Office, POS, Internet Bar
FEATURES
C ompact size
Excellent microprocessor control guarantees high
reliability
Boost and buck AVR for voltage stabilization
Auto restart while AC is recovering
Simulated sine wave
Off-mode charging
C old start function
Generator compatible(option)
PHASE (ONLY FOR ONLINE UPS)
Phase:
1-phase in / 1-phase out
INPUT
Capacity :
1500 VA / 900 W
Voltage:
110/120 V or 220/230/240 V
Voltage Range:
81-145 V / 140-290 V
F requency Range:
60/50 Hz (auto sensing)
OUTPUT
AC Voltage Regulation
(Batt. Mode) :
±10%
F requency Range
(Batt. Mode):
60 Hz or 50 Hz ±1 Hz
Transfer Time:
Typical 2 ~ 6 ms,
Wav eform
(Batt. Mode):
Simulated Sine Wave
BATTERY
Battery Ty pe:
12 V/ 9 Ah
Battery Number:
2
Ty pical Recharge
Time:
4-6 hours up to 90% capacity
SAFETY STANDARD APPAOVAL
PROTECTION
F ull Protection:
Overload, Discharge, and
Overcharge Protection
PHYSICAL
Output Receptacles:
India, French, Schuko,
NEMA, and IEC ions
Dimension:
320mm(L) x 130mm(W) x
182mm(H)
Net Weight (kgs):
10.4
OPERATING ENVIRONMENT
Humidity :
0-90 % RH @ 0- 40°C
(non-condensing)
Noise Lev el:
Less than 40dB
MANAGEMENT
Optional USB/RS-232
Port:
Support Windows
98/2000/2003/XP/Vista/2008,
Windows 7, Linux, and MAC 8
T his co nte nt is subje ct to cha nge , ple a se re fe r to spe cifica tio n fo r m o re de ta il.
FSP re se rve the right to cha nge the co nte nt witho ut prio r no tice
UPS
FP 1500


Similar Part No. - FP1500

ManufacturerPart #DatasheetDescription
logo
Clarke International
FP150 CLARKE-FP150 Datasheet
780Kb / 4P
FOOT PUMPS
GC0911
logo
Eaton All Rights Reserv...
FP1505 EATON-FP1505 Datasheet
688Kb / 4P
High frequency, high current power inductors
FP1505R1-R10-R EATON-FP1505R1-R10-R Datasheet
688Kb / 4P
High frequency, high current power inductors
FP1505R1-R12-R EATON-FP1505R1-R12-R Datasheet
688Kb / 4P
High frequency, high current power inductors
FP1505R1-R15-R EATON-FP1505R1-R15-R Datasheet
688Kb / 4P
High frequency, high current power inductors
More results

Similar Description - FP1500

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
CP750 FSP-CP750 Datasheet
68Kb / 1P
Boost and Buck AVR for voltage stabilization
CP2000 FSP-CP2000 Datasheet
67Kb / 1P
Boost and Buck AVR for voltage stabilization
EP450 FSP-EP450 Datasheet
72Kb / 1P
Boost and buck AVR for voltage stabilization
EP650 FSP-EP650 Datasheet
72Kb / 1P
UPS
EP850 FSP-EP850 Datasheet
72Kb / 1P
Boost and buck AVR for voltage stabilization
EP1000 FSP-EP1000 Datasheet
66Kb / 1P
Boost and buck AVR for voltage stabilization
EP1500 FSP-EP1500 Datasheet
66Kb / 1P
Boost and buck AVR for voltage stabilization
EP2000 FSP-EP2000 Datasheet
66Kb / 1P
Boost and buck AVR for voltage stabilization
FP2000 FSP-FP2000 Datasheet
65Kb / 1P
Boost and buck AVR for voltage stabilization
logo
Maxim Integrated Produc...
MAX25611 MAXIM-MAX25611 Datasheet
508Kb / 11P
Configured for Boost and Buck-Boost Application
Rev 1; 3/19
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com