Electronic Components Datasheet Search
  English  ▼

X  

FSP102-3FS01 Datasheet(PDF) 1 Page - FSP TECHNOLOGY INC.

Part # FSP102-3FS01
Description  Power supply with LED Driver
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FSP [FSP TECHNOLOGY INC.]
Direct Link  http://www.fsp-group.com/
Logo FSP - FSP TECHNOLOGY INC.

FSP102-3FS01 Datasheet(HTML) 1 Page - FSP TECHNOLOGY INC.

  FSP102-3FS01 Datasheet HTML 1Page - FSP TECHNOLOGY INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIPTION
Power supply with LED Driver operates with 13V & 13V
AUD & 5V outputs for 39" LC D TV
APPLICATION
Power supply with LED Driver for LC D TV
FEATURES
Power supply with LED Driver
Power saving less than 0.25W at 100Vac/50Hz and
5Vcc/17mA load condition
OVP & OC P & SC P protection
Hold up time 30mS Min.
Input AC connector A3963WR2 and Output DC
connector A2010WR0-15P & A2008WR0-11P or
equivalent
W ATTAGE
Wattage:
102W
PRODUCT HIGHLIGHT
Screen Size:
39"
Output Voltage:
13V & 13 (AUD)V & 5V
Dimension:
208.5 ( L ) x 200 ( W) x 23 ( H )
mm
INPUT SPECIFICATION
Input Range:
90 - 110 VAC
Input F requency :
47 - 63 Hz
OUTPUT SPECIFICATION
Output Voltage/Current:
Output1
Output2
Output3
13 V , 3.2 A
13 (AUD) V , 1.35
A
5 V , 0.9 A
OTHERS
Efficiency :
82 % Typical
Hold-up time:
12 ms minimum at 110 VAC
EMC PERFORMANCE
EN61000-4-2:
ESD, ±8 KV air, ±4 KV contact
EN61000-4-4:
Impulse: Fast transtient , +- 2KV
applied to AC line, pulse duration 50nS
period 5 min.
EN61000-4-5:
Surge, + - 1 KV applied differential
mode, pulse rise time 1.2uS and duty
time 50uS,5 times for each one. + - 2
KV applied common mode, pulse rise
time 1.2uS and duty time 50uS,5 times
for each one.
T his co nte nt is subje ct to cha nge , ple a se re fe r to spe cifica tio n fo r m o re de ta il.
FSP re se rve the right to cha nge the co nte nt witho ut prio r no tice
TV PSU
FSP102-3FS01


Similar Part No. - FSP102-3FS01

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
FSP10 CYNERGY3-FSP10 Datasheet
334Kb / 2P
Flow switch for direct switching of pump
logo
FSP TECHNOLOGY INC.
FSP100-1K00M1 FSP-FSP100-1K00M1 Datasheet
153Kb / 1P
Medical and ITE approvals
FSP100-1K20M1 FSP-FSP100-1K20M1 Datasheet
153Kb / 1P
Medical and ITE approvals
FSP100-1K30M1 FSP-FSP100-1K30M1 Datasheet
154Kb / 1P
Medical and ITE approvals
FSP100-1K31M1 FSP-FSP100-1K31M1 Datasheet
154Kb / 1P
Medical and ITE approvals
More results

Similar Description - FSP102-3FS01

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3520 NSC-LM3520 Datasheet
963Kb / 14P
Integrated White LED Driver with Organic LED Display Power Supply
logo
Analog Microelectronics
AME5136 AME-AME5136 Datasheet
391Kb / 15P
Integrated White LED Driver With Organic LED Display Power Supply
logo
Sipex Corporation
SP6415 SIPEX-SP6415 Datasheet
1Mb / 12P
Integrated White LED Driver With Organic LED Display Power Supply
logo
National Semiconductor ...
LM3520_0509 NSC-LM3520_0509 Datasheet
960Kb / 14P
Integrated White LED Driver with Organic LED Display Power Supply
logo
Freescale Semiconductor...
MC34844 FREESCALE-MC34844 Datasheet
1Mb / 37P
10 Channel LED Backlight Driver with Integrated Power Supply
MC34844AEP FREESCALE-MC34844AEP Datasheet
2Mb / 62P
10 Channel LED Backlight Driver with Integrated Power Supply
logo
FSP TECHNOLOGY INC.
FSP057-2FS01 FSP-FSP057-2FS01 Datasheet
178Kb / 1P
Slim type power supply with LED Driver
FSP202-4FS01 FSP-FSP202-4FS01 Datasheet
206Kb / 1P
Slim type power supply with LED Driver
logo
Phihong USA Inc.
PDA006A-700C-H PHIHONG-PDA006A-700C-H Datasheet
164Kb / 3P
6W LED Driver with 700mA Constant Current LED Power Supply
PDA006B-700C-H PHIHONG-PDA006B-700C-H Datasheet
150Kb / 3P
6W LED Driver with 700mA Constant Current LED Power Supply
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com