Electronic Components Datasheet Search
  English  ▼

X  

MPLUS180K Datasheet(PDF) 1 Page - FSP TECHNOLOGY INC.

Part # MPLUS180K
Description  N1 or NR Parallel Redundancy for power guarantee
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FSP [FSP TECHNOLOGY INC.]
Direct Link  http://www.fsp-group.com/
Logo FSP - FSP TECHNOLOGY INC.

MPLUS180K Datasheet(HTML) 1 Page - FSP TECHNOLOGY INC.

  MPLUS180K Datasheet HTML 1Page - FSP TECHNOLOGY INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES
N+1 or N+R Parallel Redundancy for power guarantee
Modular design decreases MTTR
High scalability
Built-in maintenance bypass switch for easy
maintenance without interruptible
High efficiency double conversion online UPS
Adjustable battery numbers
Adjustable charging current
Graphic 5.7'' LC D design for easy configuration
PHASE (ONLY FOR ONLINE UPS)
Phase:
3-phase in / 3-phase out
INPUT
Capacity :
180 KW
Voltage:
3 x 400 VAC (3Ph+N)
Voltage Range:
305-478 VAC (3-phase) @
100% load 190-520 VAC (3-
phase) @ 50% load
F requency Range:
40Hz ~ 70 Hz
OUTPUT
AC Voltage Regulation
(Batt. Mode) :
±5 %
F requency Range
(Batt. Mode):
46~54Hz or 56~64Hz
Wav eform
(Batt. Mode):
Pure Slin Wave
BATTERY
Battery Ty pe:
NONE
Battery Number:
NONE
Ty pical Recharge
Time:
NONE
SAFETY STANDARD APPAOVAL
PROTECTION
F ull Protection:
Full Protection
PHYSICAL
Output Receptacles:
India, French, Schuko,
NEMA, and IEC selections
Dimension:
600mm(L) x 1100mm(W) x
2030mm(H)
Net Weight (kgs):
NONE
OPERATING ENVIRONMENT
Humidity :
0-90 % RH @ 0- 40°C
(non-condensing)
Noise Lev el:
NONE
MANAGEMENT
Optional USB/RS-232
Port:
Support Windows
98/2000/2003/XP/Vista/2008,
Windows 7, Linux, and MAC 8
T his co nte nt is subje ct to cha nge , ple a se re fe r to spe cifica tio n fo r m o re de ta il.
FSP re se rve the right to cha nge the co nte nt witho ut prio r no tice
UPS
Mplus 180K


Similar Part No. - MPLUS180K

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
MPLUS120K FSP-MPLUS120K Datasheet
326Kb / 1P
Modular design decreases MTTR
MPLUS150K FSP-MPLUS150K Datasheet
327Kb / 1P
Modular design decreases MTTR
More results

Similar Description - MPLUS180K

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSRL9802OS WALL-PSRL9802OS Datasheet
183Kb / 3P
200 Watt Single Output N 1 Parallel Redundancy AC/DC Switching Power Supply
logo
FSP TECHNOLOGY INC.
MPLUS30K FSP-MPLUS30K Datasheet
326Kb / 1P
N1 or NR Parallel Redundancy for power guarantee
MPLUS60K FSP-MPLUS60K Datasheet
327Kb / 1P
N1 or NR Parallel Redundancy for power guarantee
MPLUS90K FSP-MPLUS90K Datasheet
327Kb / 1P
N1 or NR Parallel Redundancy for power guarantee
MPLUS210K FSP-MPLUS210K Datasheet
326Kb / 1P
N1 or NR Parallel Redundancy for power guarantee
logo
Total Power Internation...
TPAC301 TOTAL-POWER-TPAC301 Datasheet
505Kb / 2P
INTERNAL OR-ING DIODES FOR N1 REDUNDANCY
logo
Rosenberger Hochfrequen...
SLJ12SF-53M53R-X-00 ROSENBERGER-SLJ12SF-53M53R-X-00 Datasheet
541Kb / 2P
1/2" JUMPER N MALE / N R/A MALE
SLJ12SP-53M53R-X-00 ROSENBERGER-SLJ12SP-53M53R-X-00 Datasheet
81Kb / 2P
1/2"JUMPER N MALE / N R/A MALE
SLJ12SP-53R53R-X-00 ROSENBERGER-SLJ12SP-53R53R-X-00 Datasheet
550Kb / 2P
1/2"JUMPER N R/A MALE / N R/A MALE
SLJ14SP-53M53R-X-00 ROSENBERGER-SLJ14SP-53M53R-X-00 Datasheet
549Kb / 2P
1/4" JUMPER N MALE / N R/A MALE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com