Electronic Components Datasheet Search
  English  ▼

X  

SCUDO600 Datasheet(PDF) 1 Page - FSP TECHNOLOGY INC.

Part # SCUDO600
Description  Home, Small Office, Internet Bar
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FSP [FSP TECHNOLOGY INC.]
Direct Link  http://www.fsp-group.com/
Logo FSP - FSP TECHNOLOGY INC.

SCUDO600 Datasheet(HTML) 1 Page - FSP TECHNOLOGY INC.

  SCUDO600 Datasheet HTML 1Page - FSP TECHNOLOGY INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
APPLICATION
Home, Small Office, Internet Bar
FEATURES
C ompact size with robust design
Stylist design with colorful panels for your consideration
Accepts wide input voltage range (180-264 VAC )
Provides stable output voltage through boost and buck
stabilizer.
Provides local receptacles for easy of the use
Provides modem/phone line surge protection
PHASE (ONLY FOR ONLINE UPS)
Phase:
1-phase in / 1-phase out
INPUT
Capacity :
600 VA / 360 W
Voltage:
220 VAC
Voltage Range:
180 - 264 VAC
F requency Range:
50 Hz
OUTPUT
AC Voltage Regulation
(Batt. Mode) :
±8 %
F requency Range
(Batt. Mode):
NONE
Wav eform
(Batt. Mode):
Pure Slin Wave
BATTERY
Battery Ty pe:
NONE
Battery Number:
NONE
Ty pical Recharge
Time:
NONE
PROTECTION
F ull Protection:
Full Protection
PHYSICAL
Output Receptacles:
Schuko
Dimension:
166mm(L) x 161mm(W) x
86.7mm(H)
Net Weight (kgs):
1.7
OPERATING ENVIRONMENT
Humidity :
0-90 % RH @ 0- 40°C
(non-condensing)
Noise Lev el:
Less than 40dB
T his co nte nt is subje ct to cha nge , ple a se re fe r to spe cifica tio n fo r m o re de ta il.
FSP re se rve the right to cha nge the co nte nt witho ut prio r no tice
UPS
Scudo 600


Similar Part No. - SCUDO600

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
SCUDO1000 FSP-SCUDO1000 Datasheet
102Kb / 1P
Home, Small Office, Internet Bar
SCUDO1200 FSP-SCUDO1200 Datasheet
102Kb / 1P
Home, Small Office, Internet Bar
More results

Similar Description - SCUDO600

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
INTERNETOFFICE300 ETC2-INTERNETOFFICE300 Datasheet
509Kb / 5P
Internet Office 300VA Ultra-compact Standby 120V UPS
logo
Tripp Lite. All Rights ...
INTERNET350U TRIPPLITE-INTERNET350U Datasheet
497Kb / 4P
Internet Office 350VA Ultra-compact Standby 120V
INTERNET550U TRIPPLITE-INTERNET550U Datasheet
520Kb / 4P
Internet Office 550VA Ultra-compact Standby 120V
INTERNET350SER TRIPPLITE-INTERNET350SER Datasheet
489Kb / 4P
Internet Office 350VA Ultra-compact Standby 120V
INTERNET550SER TRIPPLITE-INTERNET550SER Datasheet
520Kb / 4P
Internet Office 550VA Ultra-compact Standby 120V
INTERNETOFFICE300 TRIPPLITE-INTERNETOFFICE300 Datasheet
506Kb / 4P
Internet Office 300VA Ultra-compact Standby 120V
logo
FSP TECHNOLOGY INC.
SCUDO1000 FSP-SCUDO1000 Datasheet
102Kb / 1P
Home, Small Office, Internet Bar
SCUDO1200 FSP-SCUDO1200 Datasheet
102Kb / 1P
Home, Small Office, Internet Bar
logo
Schneider Electric
PH8 SCHNEIDER-PH8 Datasheet
62Kb / 2P
APC Home Office SurgeArrest 8 Outlets, 120V
Apr 8, 2020
logo
List of Unclassifed Man...
BACK-UPS750 ETC1-BACK-UPS750 Datasheet
200Kb / 2P
Best Value Battery Backup & Protection for Home and Home Office Computers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com