Electronic Components Datasheet Search
  English  ▼

X  

100301 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 100301
Description  Low Power Triple 5-Input OR/NOR Gate
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

100301 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  100301 Datasheet HTML 1Page - National Semiconductor (TI) 100301 Datasheet HTML 2Page - National Semiconductor (TI) 100301 Datasheet HTML 3Page - National Semiconductor (TI) 100301 Datasheet HTML 4Page - National Semiconductor (TI) 100301 Datasheet HTML 5Page - National Semiconductor (TI) 100301 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
100301
Low Power Triple 5-Input OR/NOR Gate
General Description
The 100301 is a monolithic triple 5-input OR/NOR gate. All
inputs have 50 k
Ω pull-down resistors and all outputs are
buffered.
Features
n 23% power reduction of the 100101
n 2000V ESD protection
n Pin/function compatible with 100101
n Voltage compensated operating range = −4.2V to −5.7V
n Standard Microcircuit Drawing
(SMD) 5962-9152801
Logic Symbol
Pin Names
Description
D
na,Dnb,Dnc
Data Inputs
O
a,Ob,Oc
Data Outputs
O
a,Ob,Oc
Complementary Data Outputs
DS100302-1
August 1998
© 1998 National Semiconductor Corporation
DS100302
www.national.com


Similar Part No. - 100301

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
100301 FAIRCHILD-100301 Datasheet
77Kb / 7P
Low Power Triple 5-Input OR/NOR Gate
logo
Texas Instruments
100301 TI1-100301 Datasheet
132Kb / 6P
Low Power Triple 5-Input OR/NOR Gate
logo
ERNI Electronics
100301000001 ERNI-100301000001 Datasheet
169Kb / 1P
ERmetZDplus Federleiste 4-10
100301030001 ERNI-100301030001 Datasheet
113Kb / 1P
Federl. SMC-B 68-SMD-BA7-13
100301120001 ERNI-100301120001 Datasheet
98Kb / 1P
Federleiste Q/2 32 EE
More results

Similar Description - 100301

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10105 ONSEMI-MC10105 Datasheet
100Kb / 5P
Triple 2-3-2-Input OR/NOR Gate
1996 REV 5
MC10107 ONSEMI-MC10107 Datasheet
104Kb / 5P
Triple 2-Input Exclusive OR/Exclusive NOR Gate
1996 REV 5
MC10H107 ONSEMI-MC10H107 Datasheet
95Kb / 3P
Triple 2-Input Exclusive OR/Exclusive NOR Gate
REV 5
logo
Fairchild Semiconductor
100301 FAIRCHILD-100301 Datasheet
77Kb / 7P
Low Power Triple 5-Input OR/NOR Gate
logo
Micrel Semiconductor
SY100S301 MICREL-SY100S301 Datasheet
96Kb / 5P
TRIPLE 5-INPUT OR/NOR GATE
logo
ON Semiconductor
MC10105 ONSEMI-MC10105_02 Datasheet
107Kb / 8P
Triple 2-3-2-Input OR/NOR Gate
January, 2002 ??Rev. 7
logo
Texas Instruments
74ACT11802 TI-74ACT11802 Datasheet
64Kb / 5P
TRIPLE 4-INPUT OR/NOR GATE
logo
Micrel Semiconductor
SY100S301 MICREL-SY100S301_07 Datasheet
78Kb / 5P
TRIPLE 5-INPUT OR/NOR GATE
logo
Texas Instruments
100301 TI1-100301 Datasheet
132Kb / 6P
Low Power Triple 5-Input OR/NOR Gate
74ACT11802 TI1-74ACT11802_09 Datasheet
77Kb / 5P
TRIPLE 4-INPUT OR/NOR GATE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com