Electronic Components Datasheet Search
  English  ▼

X  

TC-800PL Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TC-800PL
Description  AC Input Voltage: 90~264V
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TC-800PL Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TC-800PL Datasheet HTML 1Page - List of Unclassifed Manufacturers TC-800PL Datasheet HTML 2Page - List of Unclassifed Manufacturers TC-800PL Datasheet HTML 3Page - List of Unclassifed Manufacturers TC-800PL Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
②
6. PROTECTION
6.1 OVER VOLTAGE PROTECTION: +3.3V Output
4.1Vdc max.
+5V Output
6.5Vdc max.
+12V Output
14.3Vdc max.
6.2 OVER CURRENT PROTECTION:
Not over 240VA for every output voltage.
6.3 SHORT CIRCUIT PROTECTION:
All output equipped with short circuit.
(Shut down o/p voltage, re-power on to
recover)
7. SAFETY & EMC
7.1 SAFETY STANDARDS:
MEET CUL UL 60950-1
MEET CB
IEC60950-1
7.2 WITHSTAND VOLTAGE:
I/P-O/P:1.5KVAC
I/P-FG:1.5KVAC
7.3 ISOLATION RESISTANCE:
I/P-O/P,I/P-FG,O/P-FG: 500VDC , 50M ohms min.
7.4 EMI CONDUCTION:
Compliance CISPR22 Class B, FCC Class B
7.5 HARMONIC CURRENT:
Compliance EN61000-3-2,-3
8. ENVIRONMENTS
8.1 Operating Temperature:
0℃to +40℃
8.2 Storage Temperature :
-20℃to +70℃
8.3 OPERATING HUMIDITY :
20% to 90%,non-condensing
8.4 STORAGE HUMIDITY:
5% to 95%, non-condensing
9. OTHERS
7.1 MTBF:
100K hrs min.
MIL-HDBK-217F ,Notice2, (25℃)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com