Electronic Components Datasheet Search
  English  ▼

X  

WALK2200 Datasheet(PDF) 1 Page - FSP TECHNOLOGY INC.

Part # WALK2200
Description  Simple and elegantly designed Power Bank for mobiles devices.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FSP [FSP TECHNOLOGY INC.]
Direct Link  http://www.fsp-group.com/
Logo FSP - FSP TECHNOLOGY INC.

WALK2200 Datasheet(HTML) 1 Page - FSP TECHNOLOGY INC.

  WALK2200 Datasheet HTML 1Page - FSP TECHNOLOGY INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIPTION
Simple and elegantly designed Power Bank for mobiles
devices.
APPLICATION
Mobile devices
FEATURES
Work with all kinds of battery-powered USB devices.
High capacity power extension, 2200 mAh.
Easy to carry for its slim and light weight design.
Recharge your device anywhere and anytime.
EMBEDED BATTERY TYPE
Embeded battery
ty pe:
Li-ion
CAPACITY
Capacity :
2200mAh
INPUT
Input:
5V/0.5A
NUMBER OF OUTPUT PORT
Number of output
port:
1
OUTPUT
Output1
5 V / 1 A
CYCLE LIFE
Cy cle Life:
> 500 times
CHARGING TIME
Charging Time:
4~5 hours
SAFETY STANDARD APPAOVAL
NET W EIGHT
Net Weight:
75 g
DIMENSIONmm
Dimension:
110mm(L) x 28.9mm(W) x 28.2mm(H)
PROTECTION
Protection:
OC P / SC P / ODP
INDICATOR
Indicator:
On: Green LED
Being C harged: Red
T his co nte nt is subje ct to cha nge , ple a se re fe r to spe cifica tio n fo r m o re de ta il.
FSP re se rve the right to cha nge the co nte nt witho ut prio r no tice
Power Bank / Energy Storage
Walk 2200


Similar Part No. - WALK2200

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
WALK5200 FSP-WALK5200 Datasheet
112Kb / 1P
Simple and elegantly designed Power Bank for mobiles devices.
More results

Similar Description - WALK2200

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT73C202 ATMEL-AT73C202 Datasheet
49Kb / 3P
Power Management for Mobiles (PM)
AT73C204 ATMEL-AT73C204 Datasheet
50Kb / 3P
Power Management for Mobiles (PM)
AT73C213 ATMEL-AT73C213 Datasheet
754Kb / 35P
Power Management for Mobiles (PM) / Audio Interface for Portable Handsets
AT73C212 ATMEL-AT73C212 Datasheet
77Kb / 11P
Power Management for Mobiles (PM)
AT73C239 ATMEL-AT73C239 Datasheet
118Kb / 4P
Power Management for Mobiles (PM)
logo
Pulse A Technitrol Comp...
SPM2007 PULSE-SPM2007_46 Datasheet
173Kb / 2P
Toroid - Designed for Nationals 260kHz Simple Switcher
PE-53818SNLT PULSE-PE-53818SNLT Datasheet
97Kb / 2P
Toroid - Designed for Nationals 150kHz Simple Switcher
logo
FSP TECHNOLOGY INC.
WALK5200 FSP-WALK5200 Datasheet
112Kb / 1P
Simple and elegantly designed Power Bank for mobiles devices.
logo
Harris Corporation
M5300 HARRIS-M5300 Datasheet
95Kb / 2P
Motorcycle Kit for M5300 and XG-75M Mobiles
logo
IOGEAR
GMP16K IOGEAR-GMP16K Datasheet
165Kb / 3P
GearPower 16,000mAh Power Bank for Mobile Devices
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com